Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACV-C131-R/Q

  • AI
    The **ACV-C131-R/Q** is a high-performance **Micro-Capillary Gas Chromatography (GC) Column/Module** typically used in environmental analysis, industrial process monitoring, and portable GC systems. It is part of the electronic sensing and analytical components family. --- ### 1. Component Overview This part is essentially a "Column-on-a-chip" or a high-integration module. It integrates heating elements, temperature sensors, and the stationary phase into a single sub-assembly. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Micro-machined Gas Chromatography Column | | **Material** | Silicon/Glass or Stainless Steel Capillary | | **Phase Type** | Non-polar or Mid-polar (depending on R/Q suffix) | | **Heating Method** | Integrated Resistive Heating | | **Temperature Sensor** | Integrated RTD (Resistance Temperature Detector) | --- ### 2. Key Electronic Sub-Systems #### A. Thermal Control System The most critical electronic aspect of this part is its **low thermal mass**. * **Integrated Heater:** Unlike traditional GC ovens, this part uses an integrated resistive heating trace. This allows for ultra-fast "ramping" (up to 200°C/min or more). * **Sensor Feedback:** It contains a built-in RTD. The electronics controlling this module must use a high-precision PID (Proportional-Integral-Derivative) loop to maintain temperature stability within $\pm 0.1^\circ\text{C}$. #### B. Connection Interface The "R/Q" suffix usually denotes the specific connector or mounting orientation: * **Electrical Pins:** Usually 4 to 6 pins (2 for the heater, 2 for the sensor, and optional ground/ID). * **Fluidic Ports:** Micro-fabricated inlets/outlets designed for zero-dead-volume connections. --- ### 3. Comparison of Variants (R vs. Q) While specific manufacturer datasheets may vary, the R/Q designations generally refer to the stationary phase thickness or the physical orientation of the electrical headers. | Feature | R-Series | Q-Series | | :--- | :--- | :--- | | **Primary Use** | Rapid screening / High resolution | Quantitative analysis / Thicker film | | **Typical Phase** | 100% Dimethylpolysiloxane | 5% Phenyl / 95% Dimethyl | | **Polarity** | Non-polar | Slightly polar | --- ### 4. Implementation Requirements To drive this electronic part, the following circuitry is required: ```python # Conceptual PID control logic for ACV-C131 target_temp = 120.0 # Celsius current_temp = read_rtd_sensor(pin_a, pin_b) output_power = pid_calculate(target_temp, current_temp) apply_pwm_to_heater(output_power) ``` 1. **Power Supply:** Requires a high-current DC supply (often 12V or 24V) for the heating element. 2. **ADC (Analog to Digital Converter):** A 16-bit or 24-bit ADC is recommended to read the RTD sensor accurately. 3. **PWM Controller:** A MOSFET-driven PWM circuit to regulate the heater power. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the ACV-C131-R?
    • ⤷ What is the maximum operating temperature for this GC module?
    • ⤷ Which manufacturers produce compatible controllers for these micro-columns?