Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACV-C143-R

  • AI
    The **ACV-C143-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Trimmer Capacitor**. These components are used for fine-tuning circuits to a specific resonant frequency or phase alignment. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the ACV series, here are the general technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Variable / Trimmer Capacitor | | **Capacitance Range** | Typically 4.5pF to 20.0pF (Standard for C143) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Voltage Rating** | ~100V DC (Typical) | | **Dielectric Material** | Ceramic | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Functional Characteristics Electronic parts like the ACV-C143-R are designed for precision and stability. Key characteristics include: * **Adjustability:** Features a slotted rotor head that allows a technician or automated tool to rotate the internal plates to change the capacitance value. * **Linearity:** Provides a smooth change in capacitance relative to the angle of rotation. * **Size Profile:** These are ultra-miniature components designed for high-density PCB (Printed Circuit Board) layouts. * **Q-Factor:** Generally high, making them suitable for High-Frequency (HF) and Ultra-High-Frequency (UHF) applications. --- ### 3. Common Applications The ACV-C143-R is used in circuits where fixed capacitance values are not precise enough due to manufacturing tolerances: 1. **Crystal Oscillators:** Used to "trim" the frequency of a clock signal in microprocessors or communication devices. 2. **RF Filtering:** Adjusting the band-pass or notch characteristics of a radio frequency filter. 3. **Antenna Matching:** Optimizing the impedance between an RF power amplifier and an antenna to reduce signal loss. 4. **Remote Keyless Entry (RKE):** Commonly found in automotive fobs for frequency calibration. --- ### 4. Handling and Soldering Since this is a precision mechanical-electronic part, certain precautions are necessary: * **Soldering:** Use reflow soldering profiles recommended by the manufacturer to avoid damaging the internal dielectric or melting the adjustment mechanism. * **Adjustment Tool:** Use a non-conductive (ceramic or plastic) tuning tool to adjust the capacitor while the circuit is live to prevent "hand capacitance" from interfering with the measurement.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '-R' suffix in this part number?
    • ⤷ How does a ceramic dielectric compare to a film dielectric in trimmer capacitors?
    • ⤷ Which non-conductive tools are recommended for tuning SMD capacitors?