AD1580BRTZ-R2
AI

## Overview of the AD1580BRTZ-R2
The **AD1580BRTZ-R2** is a low-cost, low-power, ultra-small shunt voltage reference. It is designed to provide a highly stable 1.225 V output from a wide range of input currents. It is commonly used in battery-operated equipment due to its minimal power consumption.
---
### Technical Specifications
The following table summarizes the key electrical characteristics of the AD1580BRTZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 1.225 V |
| **Tolerance** | ±0.8% (B Grade) |
| **Temperature Coefficient** | 50 ppm/°C |
| **Operating Current Range** | 50 µA to 10 mA |
| **Package Type** | SOT-23-3 |
| **Operating Temperature** | -40°C to +85°C |
| **Output Impedance** | 0.4 Ω (typical) |
---
### Key Internal Components & Functionality
The AD1580 operates as a **Shunt Regulator** (similar to a Zener diode). The electronic architecture focuses on three main areas:
1. **Bandgap Reference Core:** The device uses a precise bandgap circuit to establish the 1.225 V reference, ensuring stability across temperature fluctuations.
2. **Error Amplifier:** An internal amplifier monitors the output and adjusts the shunt current to maintain a constant voltage regardless of variations in the input current or load.
3. **Output Transistor:** A large internal transistor shunts excess current to ground to regulate the voltage across the device terminals.
---
### Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **+** | Positive Terminal (Input/Output) |
| **2** | **-** | Negative Terminal (Ground) |
| **3** | **NC** | No Connect (Should be left floating) |
---
### Basic Application Circuit
To use the AD1580, an external resistor ($R_s$) is required to limit the current. The resistor value is calculated based on the input voltage ($V_s$) and the desired operating current ($I_q$).
```text
Vs (Input)
|
[ Rs ]
|
+------> Vout (1.225V)
|
[AD1580]
|
GND
```
**Calculation Formula:**
$$R_s = \frac{V_s - V_{out}}{I_q + I_L}$$
*(Where $I_q$ is the operating current and $I_L$ is the load current)*
---
### Features and Benefits
* **Micropower Operation:** Can operate with as little as 50 µA, extending battery life.
* **High Precision:** The "B" grade (BRTZ) offers tighter initial accuracy compared to the "A" grade.
* **Space Saving:** The SOT-23 package is ideal for high-density circuit boards.
- ⤷
What is the difference between the A grade and B grade versions of the AD1580?
- ⤷ How do I calculate the maximum power dissipation for this device?
- ⤷ Can this device be used as a series reference instead of a shunt reference?