AD1585CRT-R2
AI

The **AD1585CRT-R2** is a low-power, precision shunt mode voltage reference produced by Analog Devices. It is part of the AD158x family, specifically designed for high-accuracy applications where space and power consumption are critical.
---
### 1. Key Technical Specifications
The AD1585 is categorized as a **Shunt Voltage Reference**, meaning it operates similarly to a Zener diode but with much higher precision and stability.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 5.0 V |
| **Initial Accuracy** | ±5.0 mV (for C-grade) |
| **Temperature Coefficient** | 50 ppm/°C |
| **Operating Current Range** | 65 µA to 10 mA |
| **Package Type** | SOT-23 (3-lead) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
The "CRT" suffix in the part number provides specific information about its grading and packaging:
* **A/B/C Grade:** The "C" denotes the highest precision grade within this series regarding initial error and drift.
* **RT:** Indicates the **SOT-23** surface-mount package.
* **R2:** Refers to the tape and reel packaging size (usually a 7-inch reel containing 2,000 units).
### 3. Pin Configuration
The device is housed in a small 3-pin SOT-23 package, though only two pins are functionally required for operation as a shunt reference.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **+V** | Positive terminal (Output/Feedback) |
| 2 | **-V** | Negative terminal (Ground) |
| 3 | **NC** | No internal connection |
---
### 4. Typical Application Circuit
Because it is a shunt reference, it requires an external resistor ($R_s$) to limit the current. The resistor value is calculated based on the input voltage ($V_{in}$) and the desired operating current ($I_q$).
```text
Vin (Input Voltage)
|
[Rs] <-- Series Resistor
|
+----o Vout (5.0V Reference)
|
[AD1585]
|
GND
```
### 5. Common Use Cases
1. **Analog-to-Digital Converters (ADCs):** Providing a stable 5V reference for high-resolution data acquisition.
2. **Battery Powered Portables:** Due to its ultra-low minimum current (65 µA), it extends battery life.
3. **Precision Instrumentation:** Used in sensors where voltage stability over temperature changes is required.
4. **Power Supplies:** Serving as a reference for feedback loops in linear regulators.
---
- ⤷
How do I calculate the optimal value for the series resistor (Rs) for the AD1585?
- ⤷ What is the difference between a shunt reference like the AD1585 and a series reference?
- ⤷ Are there pin-compatible alternatives with lower temperature drift?