Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD1815JS

  • AI
    The **AD1815JS** is a high-performance, single-chip multimedia audio subsystem manufactured by Analog Devices. It was primarily designed for the PC industry during the late 1990s, integrating multiple audio functions into a single integrated circuit (IC). --- ### ## Core Specifications and Features The AD1815JS is known as a **SoundComm** controller. It integrates 16-bit Codec functions with a synthesized sound engine. | Feature | Specification | | :--- | :--- | | **Resolution** | 16-bit Stereo | | **Package Type** | 100-pin LQFP (Low-profile Quad Flat Pack) | | **Interface** | ISA Bus (Plug and Play compatible) | | **Sampling Rate** | Variable (Up to 48 kHz) | | **Synthesizer** | Integrated FM Synthesis (OPL3 compatible) | | **Power Supply** | 5V Digital / 5V Analog | --- ### ### Key Electronic Components & Subsystems 1. **ADC and DAC (Codecs):** The chip contains high-quality Delta-Sigma Analog-to-Digital Converters (ADC) and Digital-to-Analog Converters (DAC). These handle the conversion of voice/music between the analog world (microphones/speakers) and the digital PC environment. 2. **ISA Interface:** Unlike modern PCIe or USB audio devices, the AD1815JS was built for the **ISA (Industry Standard Architecture)** bus. It features full "Plug and Play" (PnP) support, meaning it handles resource allocation (IRQ, DMA, I/O addresses) automatically. 3. **Mixer Section:** It includes an extensive analog mixer that allows for multiple input sources: * CD-ROM Audio * Line-In * Microphone * Synthesizer output 4. **FM Synthesis:** The chip includes an integrated FM synthesizer, providing compatibility with older DOS-based games that utilized MIDI and AdLib/SoundBlaster standards. --- ### ### Typical Application Circuitry In a typical circuit design, the AD1815JS requires several external components to function correctly: * **Crystal Oscillator:** Usually a 33.8688 MHz or 24.576 MHz crystal to provide the master clock. * **Decoupling Capacitors:** Small ceramic capacitors (0.1µF) placed close to the power pins to filter high-frequency noise. * **Coupling Capacitors:** Electrolytic capacitors (typically 10µF to 100µF) used on the analog outputs to block DC bias from reaching speakers. --- ### ### Pin Configuration Overview The 100-pin LQFP layout is divided into functional groups: ```text Pins 1-25: ISA Bus Data/Address Lines Pins 26-50: Power (VCC/GND) and Control signals Pins 51-75: Analog Inputs (Mic, Line, CD) Pins 76-100: Analog Outputs and Clocking ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the modern replacements for ISA-based audio controllers like the AD1815JS?
    • ⤷ Can the AD1815JS be used with modern Windows operating systems?
    • ⤷ What is the power consumption profile for the AD1815JS during active playback?