AD3V-S2B-R3
AI

The **AD3V-S2B-R3** is a specific variant of a subminiature microswitch, commonly used in industrial control panels, automotive electronics, and household appliances. It is designed to provide high reliability in a compact form factor.
---
## 1. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this component series:
| Parameter | Specification |
|:---|:---|
| **Switch Type** | Subminiature Microswitch (Snap-Action) |
| **Actuator Type** | Simulated Roller Lever |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Contact Material** | Silver Alloy / Gold Plated (depending on load) |
| **Current Rating** | Typically 3A to 5A at 125/250VAC |
| **Operating Force** | ~50g to 150g (Model dependent) |
| **Terminal Type** | Solder or PCB Terminals |
| **Operating Temperature** | -25°C to +85°C |
---
## 2. Key Features and Construction
### A. Snap-Action Mechanism
The "S2B" designation often refers to the internal spring mechanism. Snap-action switches use a "dead-break" mechanism where the speed of the contact movement is independent of the speed of the actuator. This ensures a clean electrical break and reduces arcing.
### B. Contact Configuration (SPDT)
The switch features three pins:
1. **COM (Common):** The input terminal.
2. **NC (Normally Closed):** Connected to COM when the lever is at rest.
3. **NO (Normally Open):** Connected to COM only when the lever is pressed.
### C. Actuator Design
The **R3** suffix typically denotes the **Simulated Roller Lever**. Unlike a standard straight lever, the curved tip mimics a roller, allowing for smoother interaction with cams or sliding mechanical parts without the bulk of a physical wheel.
---
## 3. Terminal Wiring Diagram
```markdown
[ Lever / Actuator ]
|
_________|_________
| |
| (Switch) |
|___________________|
| | |
(NC) (COM) (NO)
```
---
## 4. Common Applications
* **Door Interlocks:** Detecting if a microwave or printer door is closed.
* **Limit Switching:** Detecting the end-of-travel for a motor-driven slide.
* **Safety Sensors:** Used in industrial equipment to trigger an emergency stop if a panel is removed.
- ⤷
What is the difference between silver and gold-plated contacts in this switch series?
- ⤷ How does the 'Simulated Roller' lever compare to a standard hinge lever?
- ⤷ What is the mechanical life expectancy (number of cycles) for the AD3V series?