Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD5142ABCPZ10-RL7

  • AI
    ## Overview of AD5142ABCPZ10-RL7 The **AD5142ABCPZ10-RL7** is a high-performance, non-volatile digital potentiometer (DigiPOT) manufactured by Analog Devices. It belongs to the AD5142 family, designed for precise electronic adjustments in circuits where space and resolution are critical. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Channel) | | **Resistance Value** | 10 kΩ | | **Resolution** | 256 Positions (8-bit) | | **Interface** | I²C and SPI (Dual Interface compatible) | | **Memory Type** | Non-Volatile (EEPROM) | | **Voltage Supply (Single)** | 2.3 V to 5.5 V | | **Voltage Supply (Dual)** | ±2.25 V to ±2.75 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### Core Electronic Components & Architecture 1. **Resistor Ladder**: A series of 256 internal resistors. The "wiper" position is controlled digitally to select a specific tap point along this ladder, effectively changing the resistance. 2. **EEPROM Memory**: Unlike volatile potentiometers, this part includes internal EEPROM. This allows the device to "remember" the wiper position even after power is disconnected, ensuring it returns to the last programmed state upon reboot. 3. **Digital Control Logic**: The part features a flexible serial interface. It can be configured to communicate via **SPI** (for high speed) or **I²C** (for bus efficiency). This logic translates binary data into the physical switching of the resistor network. 4. **Wiper Protection**: The device includes low resistance at the wiper (typically 40 Ω) and high-speed data transfer capabilities to minimize noise during adjustments. --- ### Application Use Cases * **Gain Control**: Used in operational amplifier circuits to adjust the gain of the signal. * **Calibration**: Fine-tuning sensor offsets or power supply voltages in industrial equipment. * **LCD Contrast**: Adjusting the brightness or contrast levels of display modules. * **Filter Tuning**: Modifying the cutoff frequency of analog filters dynamically. --- ### Example Configuration (Pseudocode) To set the resistance via an SPI interface, one would typically send a command byte followed by the data byte representing the desired wiper position: ```cpp // Example: Setting Channel 1 to mid-scale (128) digitalWrite(CS_PIN, LOW); // Select the device SPI.transfer(0x11); // Command: Write to Wiper Register for Ch 1 SPI.transfer(0x80); // Data: 128 (Hex 0x80) for 10k/2 = 5k ohms digitalWrite(CS_PIN, HIGH); // Deselect device ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 10k and 100k versions of this IC?
    • ⤷ How does the non-volatile memory affect the power-up behavior?
    • ⤷ Can this part be used in a rheostat configuration?