AD5165BUJZ100-R7
AI

### Overview of the AD5165BUJZ100-R7
The **AD5165BUJZ100-R7** is a compact, low-power **Digital Potentiometer** (digipot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers or variable resistors in electronic circuits, allowing for automated calibration or adjustment via a digital interface.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resistance** | 100 kΩ |
| **Resolution** | 256 Positions (8-bit) |
| **Interface** | SPI (3-wire, Serial) |
| **Supply Voltage** | 2.7 V to 5.5 V |
| **Temperature Coefficient** | 35 ppm/°C |
| **Package** | TSOT-23-8 (Ultra-compact) |
| **Operating Temp** | -40°C to +125°C |
---
### Internal Electronic Architecture
The device functions as a variable resistor or voltage divider using a string of resistors and CMOS switches:
1. **Resistor Ladder:** A string of 256 high-precision internal resistors totaling 100 kΩ.
2. **CMOS Switches:** These act as the "wiper." Depending on the 8-bit digital word sent via SPI, a specific switch closes to connect the wiper terminal to a point on the resistor ladder.
3. **Control Logic:** A shift register and decoder that translate the SPI signal into the physical switch configuration.
---
### Pin Configuration (TSOT-23-8)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **W** | Wiper terminal. |
| 2 | **VDD** | Positive Power Supply. |
| 3 | **GND** | Ground. |
| 4 | **CS** | Chip Select (Active Low). |
| 5 | **SDI** | Serial Data Input. |
| 6 | **CLK** | Serial Clock Input. |
| 7 | **B** | Bottom terminal of resistor. |
| 8 | **A** | Top terminal of resistor. |
---
### Typical Applications
* **LCD Contrast Control:** Adjusting the bias voltage for displays.
* **Programmable Filters:** Setting the cutoff frequency in analog filters.
* **Gain Control:** Replacing fixed resistors in Op-Amp circuits to create a Programmable Gain Amplifier (PGA).
* **Sensor Calibration:** Zeroing out offsets in bridge sensors or transducers.
---
### Implementation Example (Simplified Logic)
To set the wiper to the mid-point (50 kΩ), a microcontroller would send the hex value `0x80` (128 in decimal) over the SPI bus while the `CS` pin is pulled low.
```c
// Pseudo-code for SPI Transmission
digitalWrite(CS_PIN, LOW); // Select the AD5165
SPI.transfer(0x80); // Send 128 (Middle Position)
digitalWrite(CS_PIN, HIGH); // Update the Wiper
```
- ⤷
What is the difference between the AD5165 and a standard mechanical potentiometer in terms of durability?
- ⤷ Can the AD5165 be used in high-voltage applications above 5.5V?
- ⤷ Does this device retain its resistance setting after a power cycle?