AI

The **AD5220BRMZ100-R7** is a high-performance Digital Potentiometer (DigiPot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers in electronic circuits where precise, automated control is required.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **End-to-End Resistance** | 100 kΩ |
| **Number of Steps (Taps)** | 128 Positions |
| **Interface Type** | Up/Down (Increment/Decrement) |
| **Supply Voltage (Vdd)** | 2.7V to 5.5V |
| **Package Type** | MSOP-8 (Surface Mount) |
| **Temperature Range** | -40°C to +85°C |
| **Wiper Resistance** | 40 Ω (Typical) |
---
### 2. Functional Components and Pinout
The AD5220 functions as a three-terminal variable resistor. The internal architecture consists of a fixed resistor string with 128 CMOS switches.
* **Resistor Terminals (A, B, and W):** Terminal A and B are the ends of the resistor, while W is the "Wiper."
* **Control Interface:**
* **CLK (Clock):** Increments the wiper position on each pulse.
* **U/D (Up/Down):** Determines the direction of the wiper movement (High = Up, Low = Down).
* **CS (Chip Select):** Enables the device when pulled Low.
---
### 3. Key Advantages
1. **Compact Form Factor:** The MSOP-8 package is significantly smaller than mechanical trimmers, saving PCB space.
2. **Reliability:** Since there are no moving mechanical parts, it is immune to wear, vibration, and dust.
3. **Low Power Consumption:** Operates with a very low static supply current (typically < 1 µA).
4. **Ease of Use:** Unlike I2C or SPI pots that require complex protocols, this uses a simple "pulse-and-direction" interface, making it ideal for microcontrollers or even manual push-button control.
---
### 4. Common Applications
* **LCD Contrast Control:** Adjusting the viewing angle of character or graphic displays.
* **Programmable Filters/Gain:** Used in operational amplifier (Op-Amp) circuits to vary gain or frequency response.
* **Mechanical Potentiometer Replacement:** Calibration of sensors and instruments.
* **Power Supply Adjustment:** Tuning output voltages in DC-DC converters.
---
### 5. Part Number Breakdown
* **AD5220:** Base part number (Increment/Decrement DigiPot).
* **BRMZ:** Package indicator (MSOP-8, RoHS compliant).
* **100:** Resistance value (100 kΩ).
* **R7:** Packaging format (7-inch Reel, 1000 units).
- ⤷
What is the difference between the 10k
- ⤷ 50k
- ⤷ and 100k versions of the AD5220?
- ⤷ How do you interface the AD5220 with an Arduino or microcontroller?
- ⤷ Can this device be used in high-voltage audio applications?