Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD5228BUJZ100-R2

  • AI
    ## Overview of AD5228BUJZ100-R2 The **AD5228BUJZ100-R2** is a compact, high-resolution digital potentiometer (digipot) manufactured by Analog Devices. It is specifically designed to replace mechanical potentiometers in circuits where manual adjustment is replaced by digital control via push-buttons. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Resistance** | 100 kΩ | | **Steps/Resolution** | 32 positions (5-bit) | | **Interface** | Push-button (Up/Down control) | | **Package** | 6-lead TSOT-23 (Thin SOT) | | **Operating Voltage** | 2.7V to 5.5V | | **Temperature Range** | -40°C to +105°C | --- ### Core Functional Parts #### 1. Resistor Ladder Network The device contains a string of 32 internal resistors connected in series. The "Wiper" (the moving contact) is connected to various points on this ladder to change the resistance value between the terminal pins. #### 2. Digital Control Logic (Up/Down) Unlike many digipots that use I2C or SPI, the AD5228 uses a **discrete step interface**: * **PU (Pin 1):** Pull-up pin. When pulsed low, it moves the wiper towards the 'A' terminal (increases resistance relative to 'B'). * **PD (Pin 6):** Pull-down pin. When pulsed low, it moves the wiper towards the 'B' terminal (decreases resistance). #### 3. Power-On Reset (POR) This internal circuit ensures that when the device is powered up, the wiper automatically resets to the **mid-scale position** (Position 16). #### 4. The Terminals * **A Terminal:** The high-side terminal. * **B Terminal:** The low-side terminal. * **W (Wiper):** The adjustable output terminal. --- ### Comparison: Digital vs. Mechanical Potentiometer | Feature | Mechanical Pot | AD5228BUJZ100-R2 | | :--- | :--- | :--- | | **Adjustment** | Screwdriver / Knob | Digital Pulse (Button) | | **Reliability** | Wear and tear over time | Solid-state (virtually infinite life) | | **Size** | Large | Ultra-compact (TSOT-23) | | **Precision** | Manual / Visual | Precise 32-step digital steps | --- ### Common Applications * **LCD Contrast Control:** Adjusting brightness or contrast levels via buttons on a panel. * **Volume Control:** Increasing or decreasing audio levels in portable electronics. * **Sensor Calibration:** Fine-tuning the gain of an operational amplifier in the field. * **Mechanical Potentiometer Replacement:** In any circuit requiring a 100kΩ variable resistor where human-interface buttons are preferred over knobs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current allowed through the wiper of the AD5228?
    • ⤷ Does this device require a microcontroller to function
    • ⤷ or can it work with standalone buttons?
    • ⤷ What is the difference between the 10k
    • ⤷ 50k
    • ⤷ and 100k versions of this part?