Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD5245BRJ5-R2

  • AI
    ## Overview of the AD5245BRJ5-R2 The **AD5245BRJ5-R2** is a compact, high-resolution digital potentiometer (digipot) manufactured by Analog Devices. It functions as a digitally controlled variable resistor or voltage divider, replacing traditional mechanical potentiometers in precision electronic circuits. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 5 kΩ | | **Resolution** | 256 positions (8-bit) | | **Interface** | I2C-compatible serial interface | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | 6-lead SOT-23 (Surface Mount) | | **Temperature Range** | -40°C to +125°C | | **Wiper Memory** | Volatile (Resets on power-off) | --- ### Internal Functional Blocks 1. **Resistor Network:** A string of 256 equal-value resistors. 2. **I2C Control Logic:** Handles the communication from a microcontroller to set the desired resistance level. 3. **Wiper Switch:** A CMOS switch that connects the output terminal to one of the 256 taps on the resistor string. 4. **Address Pin (AD0):** Allows two devices to be used on the same I2C bus by changing the device address. --- ### Typical Applications * **LCD Contrast Control:** Adjusting the brightness and clarity of small displays. * **Programmable Filters:** Tuning the cutoff frequency of analog filters. * **Gain Control:** Acting as a feedback resistor in Op-Amp circuits to change amplification. * **Sensor Calibration:** Fine-tuning sensor offsets or spans in industrial equipment. * **Mechanical Potentiometer Replacement:** In environments where vibration would cause a physical wiper to move. --- ### Advantages vs. Mechanical Potentiometers * **Reliability:** No moving parts; immune to vibration, dust, and mechanical wear. * **Precision:** Guaranteed 8-bit resolution ensures repeatable settings. * **Automation:** Can be controlled dynamically by software algorithms (e.g., auto-calibration). * **Size:** The SOT-23 package is significantly smaller than the smallest mechanical trimmer. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between volatile and non-volatile digital potentiometers?
    • ⤷ How do I calculate the output voltage when using the AD5245 as a voltage divider?
    • ⤷ Can I use multiple AD5245 units on the same I2C bus?