Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD5245BRJ50-R2

  • AI
    ## AD5245BRJ50-R2: Electronic Component Overview The **AD5245BRJ50-R2** is a high-resolution, digitally controlled potentiometer (digipot) manufactured by Analog Devices. It serves as a solid-state replacement for mechanical potentiometers and variable resistors. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance** | 50 kΩ | | **Resolution** | 256 Taps (8-bit) | | **Interface** | I²C Compatible | | **Supply Voltage** | 2.7V to 5.5V | | **Package** | SOT-23-8 (Small Outline Transistor) | | **Temperature Range** | -40°C to +125°C | | **Memory Type** | Volatile (Resets to mid-scale on power-up) | --- ### 2. Functional Description The AD5245 performs the same electronic function as a three-terminal mechanical potentiometer. It consists of a fixed resistor string with 256 tap points. A digital code sent via the I²C bus determines which tap point is connected to the wiper terminal. #### Major Components: * **Resistor Ladder:** A series of 256 precise resistive elements. * **I²C Interface:** Logic circuitry that interprets serial data to move the "wiper." * **Wiper Register:** A volatile register that holds the current 8-bit digital value representing the wiper position. --- ### 3. Pin Configuration (SOT-23-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **W** | Wiper terminal | | 2 | **VDD** | Positive Power Supply | | 3 | **GND** | Ground | | 4 | **SCL** | Serial Clock Input (I²C) | | 5 | **SDA** | Serial Data Input/Output (I²C) | | 6 | **AD0** | Programmable Address Bit (for multiple devices) | | 7 | **B** | Bottom terminal of the resistor | | 8 | **A** | Top terminal of the resistor | --- ### 4. Typical Applications The AD5245 is used in circuits where dynamic adjustment of resistance, voltage, or gain is required: * **Liquid Crystal Display (LCD):** Contrast and backlight brightness control. * **Programmable Filters:** Adjusting the cutoff frequency of analog filters. * **Power Supplies:** Trimming output voltages. * **Sensor Calibration:** Zeroing or spanning offsets in transducer signal conditioning. --- ### 5. Programming Example (Pseudo-code) To set the wiper to mid-scale (approx. 25kΩ for this model), you would send the following via I²C: ```python # I2C Address (depends on AD0 pin state) DEVICE_ADDRESS = 0x2C # Instruction byte (Standard write to RDAC) INSTRUCTION = 0x00 # Data byte (128 out of 255 for mid-scale) WIPER_VALUE = 0x80 # Sequence: [Address] [Instruction] [Data] i2c_send(DEVICE_ADDRESS, INSTRUCTION, WIPER_VALUE) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between volatile and non-volatile digital potentiometers?
    • ⤷ How many AD5245 devices can be used on the same I2C bus?
    • ⤷ What is the power consumption of the AD5245 during operation?