AD5246BKSZ10-R2
AI

## Overview of AD5246BKSZ10-R2
The **AD5246BKSZ10-R2** is a compact, high-resolution digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in precision electronic circuits.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Volatile Digital Potentiometer |
| **Resistance** | 10 kΩ |
| **Resolution** | 128 positions (7-bit) |
| **Interface** | I²C (2-wire) |
| **Supply Voltage (Vdd)** | 2.7V to 5.5V |
| **Package** | SC-70-6 (Ultra-compact) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture consists of several critical electronic sections:
* **Resistor String:** A series of 127 individual resistors connected between terminals A and B. Switches at each node allow the wiper (Terminal W) to select a specific voltage tap.
* **I²C Interface Logic:** This block handles communication with the microcontroller. It decodes the address and the 7-bit data word sent to update the wiper position.
* **Wiper Register:** A volatile memory latch that stores the current resistance setting. Because it is volatile, the device resets to its mid-scale position (step 64) upon power-up.
* **Level Shifting/Protection:** Includes ESD protection circuitry and logic to ensure the wiper position remains stable during power fluctuations.
---
### 3. Application Use Cases
This part is primarily used in space-constrained applications requiring digital control over analog signals:
1. **LCD Contrast Control:** Adjusting the bias voltage for small displays.
2. **Programmable Gain Amplifiers:** Setting the feedback resistance in Op-Amp circuits to change gain levels via software.
3. **Sensor Calibration:** Fine-tuning offset and sensitivity in industrial sensors.
4. **Power Supply Adjustment:** Acting as part of a voltage divider to trim the output of a DC-DC converter.
---
### 4. Comparison: AD5246 vs. Mechanical Pots
| Feature | AD5246BKSZ10 | Mechanical Potentiometer |
| :--- | :--- | :--- |
| **Size** | Extremely small (SC-70) | Large footprint |
| **Reliability** | No moving parts (solid state) | Subject to wear and dust |
| **Control** | Software/I²C | Manual/Manual adjustment |
| **Repeatability** | High (digital steps) | Low (human error) |
- ⤷How do I address multiple AD5246 devices on the same I2C bus?
- ⤷ Does this device retain its resistance setting after power-off?
- ⤷ What are the limitations of the wiper current for this specific model?