AI

## Technical Overview of AD5273BRJZ10-R2
The **AD5273** is a 64-position, one-time programmable (OTP) digital potentiometer. It is designed to replace mechanical trimmers and variable resistors in electronic circuits, offering the advantage of digital control and permanent setting capability.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 64 Positions (6-bit) |
| **Resistance Values** | 1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ |
| **Interface** | I²C Compatible |
| **Programmability** | One-Time Programmable (OTP) |
| **Supply Voltage** | 2.7 V to 5.5 V |
| **Temperature Range** | -40°C to +125°C |
| **Package** | SOT-23-8 |
---
### 2. Functional Components
The AD5273 consists of several internal electronic blocks that allow it to function as a digitally controlled resistor:
#### A. Resistor Network
The core of the device is a string of fixed resistors. A CMOS switch connects the "wiper" terminal to one of the 64 tap points along this string, determined by the digital input.
#### B. I²C Serial Interface
The part communicates via a standard 2-wire I²C interface (SDA and SCL pins). This allows a microcontroller to:
* Adjust the wiper position dynamically.
* Trigger the "Fuse" blowing command to lock the resistance permanently.
#### C. OTP (One-Time Programmable) Memory
Unlike standard volatile digital pots that reset to a default value upon power-down, the AD5273 features **OTP technology**.
* **Volatile Mode:** You can change the wiper position as many times as you want during testing.
* **Permanent Mode:** Once the desired resistance is found, a specific command "blows" an internal fuse, locking the wiper position as the new power-on default.
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **W** | Wiper terminal |
| 2 | **Vdd** | Positive power supply |
| 3 | **GND** | Ground |
| 4 | **SCL** | I²C Serial Clock |
| 5 | **SDA** | I²C Serial Data |
| 6 | **Vp** | Programming Voltage (needed for OTP) |
| 7 | **B** | Bottom terminal of resistor |
| 8 | **A** | Top terminal of resistor |
---
### 4. Typical Applications
* **Calibration:** Replacing mechanical trimmers in precision analog circuits.
* **Sensor Trimming:** Adjusting gain or offset in sensor signal conditioning.
* **Power Supply Adjustment:** Setting output voltages in DC-DC converters.
* **LCD Contrast Control:** Adjusting the bias voltage for displays.
---
### 5. Programming the OTP
To permanently set the resistance, the **Vp pin** must be connected to an external 6V source during the programming cycle. Without this high-voltage pulse, the device will remain in volatile mode, losing its setting whenever power is disconnected.
- ⤷
What is the difference between the AD5273 and a standard volatile digital potentiometer?
- ⤷ How do you calculate the output resistance for a specific 6-bit digital code?
- ⤷ Can the AD5273 be used as a voltage divider instead of a rheostat?