Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD548CQ

  • AI
    ## Overview of the AD548CQ The **AD548CQ** is a precision, low-power, JFET-input operational amplifier (op-amp). It belongs to the Analog Devices AD548 family, which is specifically designed for applications requiring high input impedance and low power consumption without sacrificing precision. The "CQ" suffix typically denotes the package type and temperature range: * **C**: Performance grade (High precision). * **Q**: Cerdip (Ceramic Dual In-Line Package), known for its hermetic seal and durability in harsh environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD548CQ: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Bias Current** | 10 pA (max) | | **Quiescent Current** | 200 µA (max) | | **Input Offset Voltage** | 0.5 mV (max) | | **Input Offset Drift** | 5 µV/°C | | **Slew Rate** | 1.8 V/µs | | **Bandwidth** | 1 MHz | | **Supply Voltage Range** | ±4.5V to ±18V | --- ### 2. Core Internal Components & Design The internal architecture of the AD548CQ is optimized for specific electronic behaviors: * **JFET Input Stage:** Unlike standard bipolar op-amps, the AD548 uses Junction Field-Effect Transistors at the input. This results in extremely low input bias currents, making it ideal for interfacing with high-impedance sensors. * **Laser-Wafer Trimmed Resistors:** The offset voltage and drift are minimized during manufacturing using laser trimming on the silicon wafer, ensuring high accuracy without external nulling. * **Internal Compensation:** It is internally compensated for unity-gain stability, meaning it won't oscillate when configured as a simple buffer. --- ### 3. Application Areas The AD548CQ is commonly integrated into the following types of circuits: 1. **Battery Powered Instrumentation:** Due to its low quiescent current (200 µA), it extends battery life in portable devices. 2. **Photodiode Preamps:** The low input bias current allows for accurate conversion of very small currents into usable voltages. 3. **High Impedance Buffers:** Used to prevent loading effects when measuring signals from sensitive sources. 4. **Precision Filters:** Suitable for active filters where high-value resistors are used to minimize capacitor size. --- ### 4. Comparison with Standard Op-Amps Compared to a general-purpose op-amp like the **uA741** or **TL081**, the AD548CQ offers: * **Lower Power:** Consumes significantly less current than the uA741. * **Higher Precision:** Much lower offset voltage and bias current than the TL081. * **Better Stability:** Superior thermal drift characteristics due to the "C" grade specifications.
    ✨ Follow-up Questions
    • ⤷ How does the AD548CQ compare to the AD548KN version?
    • ⤷ What are the pinout configurations for the 8-lead Cerdip package?
    • ⤷ Can the AD548CQ be used in a single-supply configuration?