AD5647RBCPZ-R
AI

## Overview of AD5647RBCPZ-R
The **AD5647RBCPZ-R** is a high-performance, low-power, dual-channel, 14-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices and is designed for applications where space and power efficiency are critical.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 14-Bit |
| **Number of Channels** | 2 (Dual) |
| **Interface** | I²C Compatible |
| **Supply Voltage** | 2.7 V to 5.5 V |
| **On-Chip Reference** | 2.5 V (10 ppm/°C max drift) |
| **Package** | 10-lead LFCSP (3mm x 3mm) |
| **Output Type** | Buffered Voltage |
| **Power Consumption** | ~450 µA at 5 V |
---
### Key Features
1. **Integrated Reference:** It features a built-in 2.5 V internal reference that is enabled by default, reducing the need for external components.
2. **Power-Down Mode:** The device includes a software-selectable power-down feature, reducing current consumption to as low as 480 nA at 5 V.
3. **Power-On Reset:** It incorporates a power-on reset circuit that ensures the DAC output powers up to 0 V and remains there until a valid write command occurs.
4. **Small Form Factor:** The LFCSP package makes it ideal for portable instruments and high-density circuit boards.
---
### Functional Block Diagram Concepts
The internal architecture consists of several key stages:
* **I²C Interface Logic:** Handles communication with the microcontroller.
* **Resistor String DAC:** Provides the actual conversion with high linearity.
* **Output Buffer:** Drives the load and provides rail-to-rail operation.
* **Control Logic:** Manages the internal reference and power modes.
---
### Typical Applications
* **Process Control:** Generating precision setpoints.
* **Data Acquisition Systems:** Calibration and offset adjustment.
* **Portable Instrumentation:** Battery-powered test equipment.
* **Digital Gain and Offset Adjustment:** Fine-tuning analog signals in a circuit.
---
### Pin Configuration Example
```text
Pin 1: VDD (Power Supply)
Pin 2: VOUTA (DAC Output A)
Pin 3: GND (Ground)
Pin 4: VOUTB (DAC Output B)
Pin 5: SCL (Serial Clock Line)
Pin 6: SDA (Serial Data Line)
... and others for Address Selection and Reference.
```
- ⤷
How does the I2C addressing work for multiple AD5647R devices on the same bus?
- ⤷ What are the advantages of a resistor string DAC architecture compared to R-2R ladders?
- ⤷ Can the internal reference be bypassed to use an external voltage source?