Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD605BRZ-R7

  • AI
    The **AD605BRZ-R7** is a high-performance, low-noise, dual-channel **Variable Gain Amplifier (VGA)** manufactured by Analog Devices. It is widely used in applications requiring high dynamic range and precise gain control, such as medical ultrasound and radar systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 independent channels) | | **Gain Range** | -14 dB to +34 dB (up to 48 dB range) | | **Bandwidth** | 40 MHz (-3 dB point) | | **Noise Figure** | 5 nV/√Hz | | **Control Voltage** | Linear-in-dB scaling (20 mV/dB) | | **Supply Voltage** | 5V (Single Supply) | | **Package Type** | SOIC-16 (Small Outline Integrated Circuit) | | **Packing** | Tape & Reel (R7 suffix) | --- ### 2. Core Functional Blocks The device operates using a unique architecture known as the **X-AMP®** (Exponential Amplifier). This design ensures that the gain remains stable and linear regardless of temperature or supply voltage fluctuations. 1. **Passive Attenuator:** The input signal first hits a differential ladder attenuator. This allows for a wide input range without clipping. 2. **Fixed Gain Feedback Amp:** A fixed-gain amplifier follows the attenuator, picking off the signal based on the control voltage. 3. **Gain Control Interface:** Converts a linear control voltage ($V_{GN}$) into an exponential gain change, making it "Linear-in-dB." --- ### 3. Application Use Cases * **Medical Imaging:** Primarily used in ultrasound systems for Time Gain Control (TGC) to compensate for signal attenuation as sound waves travel deeper into the body. * **Wireless Communication:** Automatic Gain Control (AGC) in receivers to handle varying signal strengths. * **Instrumentation:** High-speed data acquisition systems where signal levels fluctuate significantly. --- ### 4. Implementation Example Below is a conceptual representation of how the gain control pin ($V_{GN}$) maps to the output gain: ```markdown V_GN (V) | Gain (dB) | Multiplier (V/V) ---------|-----------|----------------- 0.2V | -14 dB | 0.2x 1.2V | +10 dB | 3.16x 2.4V | +34 dB | 50x ``` --- ### 5. Part Number Breakdown * **AD605**: Base model number. * **B**: Performance grade (usually related to temperature range or accuracy). * **R**: Package code (R = SOIC). * **Z**: RoHS compliant (Lead-free). * **R7**: Packaging format (7-inch Tape and Reel, typically 500 units).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Linear-in-dB and standard linear gain control?
    • ⤷ Can the two channels of the AD605 be cascaded for higher gain?
    • ⤷ What are the common noise considerations when designing a PCB for the AD605?