AD627BRZ-R7
AI

## Overview of AD627BRZ-R7
The **AD627BRZ-R7** is a high-precision, low-power instrumentation amplifier manufactured by **Analog Devices**. It is designed to provide rail-to-rail output swing and operate on either single or dual power supplies. It is widely used in battery-powered applications due to its extremely low quiescent current.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Micropower Instrumentation Amplifier |
| **Supply Voltage (Single)** | +2.2 V to +36 V |
| **Supply Voltage (Dual)** | ±1.1 V to ±18 V |
| **Quiescent Current** | 85 μA (max) |
| **Gain Range** | 5 to 1,000 (Set by one external resistor) |
| **Bandwidth** | 80 kHz (G=5) / 25 kHz (G=100) |
| **Package** | 8-Lead SOIC_N (Small Outline Integrated Circuit) |
| **Input Bias Current** | 10 nA (max) |
---
### 2. Core Functional Features
* **Single Resistor Gain Set:** The gain is programmed using a single external resistor ($R_G$). The formula for calculating gain is:
`Gain = 5 + (200 kΩ / Rg)`
* **Rail-to-Rail Output:** The output voltage can swing very close to the supply rails, maximizing the dynamic range, especially in low-voltage 3V or 5V systems.
* **Micropower Operation:** Consuming only 85 μA, it is ideal for portable medical devices and remote sensors.
* **Wide Input Range:** The input common-mode range includes the negative rail (ground in single-supply mode), allowing it to sense signals near 0V.
---
### 3. Pin Configuration
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | -RG | Gain resistor terminal |
| 2 | -IN | Inverting Input |
| 3 | +IN | Non-inverting Input |
| 4 | -Vs | Negative Supply / Ground |
| 5 | REF | Reference voltage (sets output offset) |
| 6 | OUTPUT | Amplifier output signal |
| 7 | +Vs | Positive Supply |
| 8 | +RG | Gain resistor terminal |
---
### 4. Typical Applications
1. **Medical Instrumentation:** ECG/EKG monitors and portable blood pressure monitors.
2. **Industrial Process Control:** Current shunt sensing and 4-20 mA loop-powered transmitters.
3. **Precision Data Acquisition:** Interfacing low-voltage bridge sensors (strain gauges, pressure sensors) to ADCs.
4. **Battery Monitoring:** High-side or low-side current sensing in battery management systems.
---
### 5. Part Number Suffix Meaning (BRZ-R7)
* **B:** Performance grade (B-grade usually offers higher precision/lower offset than A-grade).
* **R:** Package type (SOIC).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically containing 1,000 units).
- ⤷How do I calculate the specific resistor value for a gain of 100?
- ⤷ What are the primary differences between the AD627 and the AD620?
- ⤷ Can the AD627 be used for high-speed signal processing?