AD629BRZ-R7
AI

## Detailed Technical Overview: AD629BRZ-R7
The **AD629BRZ-R7** is a high common-mode voltage difference amplifier manufactured by **Analog Devices**. It is specifically designed to extract small differential signals in the presence of high common-mode voltages (up to ±270V).
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Common-Mode Voltage Range** | ±270 V |
| **Gain** | 1 (Fixed) |
| **Supply Voltage Range** | ±2.5 V to ±18 V |
| **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) |
| **Operating Temperature** | -40°C to +85°C |
| **Common-Mode Rejection (CMRR)** | 86 dB (Minimum) |
| **Bandwidth** | 500 kHz |
---
### 2. Internal Architecture and Pinout
The device utilizes a precision internal resistor network to divide down high voltages before they reach the internal op-amp, allowing it to handle voltages far exceeding its own supply rails.
| Pin Number | Pin Name | Description |
| :--- | :--- | :--- |
| 1 | NC | No internal connection |
| 2 | -IN | Inverting Input |
| 3 | +IN | Non-Inverting Input |
| 4 | -V_S | Negative Power Supply |
| 5 | REF | Reference (Ground or Offset) |
| 6 | OUT | Output Signal |
| 7 | +V_S | Positive Power Supply |
| 8 | NC | No internal connection |
---
### 3. Functional Advantages
* **High Voltage Protection:** The internal resistor bridge protects the op-amp from transients and high DC levels.
* **Precision Resistors:** The resistors are laser-trimmed, ensuring excellent Gain Accuracy and CMRR without requiring external components.
* **Versatility:** By applying a voltage to the **REF** pin, the output can be shifted, which is useful for interfacing with single-supply ADCs.
---
### 4. Typical Applications
* **High-Side Current Sensing:** Measuring current in high-voltage motor controllers or power supplies.
* **Isolation Substitution:** Can sometimes replace expensive isolation amplifiers in non-safety critical applications.
* **Battery Stack Monitoring:** Measuring individual cell voltages in high-voltage battery strings.
---
### 5. Part Number Breakdown (AD629BRZ-R7)
```text
AD629 - Base Model Number
B - Grade (Performance level, B is typically higher precision than A)
R - Package Code (R = SOIC)
Z - RoHS Compliant (Lead-Free)
R7 - Packaging Type (7-inch Tape and Reel, usually 500 or 1000 units)
```
- ⤷How does the AD629 achieve a ±270V common-mode range with only a ±15V supply?
- ⤷ What are the primary differences between the 'A' and 'B' grades of this part?
- ⤷ Can the AD629BRZ-R7 be used for bidirectional current sensing?