AD652SW
AI

## Overview of the AD652SW
The **AD652SW** is a high-performance **Synchronous Voltage-to-Frequency Converter (VFC)**. It is a precision device designed to convert an analog input voltage into a pulse train whose frequency is precisely proportional to the input.
The "S" in the suffix usually denotes the military-grade temperature range, and the "W" refers to the package type (typically a ceramic header or specialized DIP).
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Full-Scale Frequency** | Up to 2 MHz |
| **Nonlinearity** | 0.005% (max at 100 kHz) |
| **Temperature Range** | -55°C to +125°C (Military Grade) |
| **Clock Source** | External Synchronous Clock |
| **Power Supply** | Dual ($\pm$12V to $\pm$15V) |
| **Input Range** | 0V to +10V (Unipolar) or -5V to +5V (Bipolar) |
---
### Major Electronic Components & Architecture
The AD652SW utilizes a **Charge-Balance** architecture. Below are the internal functional blocks:
1. **Integrator (Operational Amplifier):**
* The core of the device is a high-speed integrator. It integrates the input current (derived from the input voltage) against a reference current.
2. **Precision Reference:**
* Contains a buried Zener reference (typically 6.2V) that provides excellent long-term stability and low temperature drift.
3. **Comparator & Clock Logic:**
* Unlike asynchronous VFCs, the AD652 uses an **external clock**. The output pulses are gated by this clock, ensuring that the output is synchronized with the system clock. This eliminates the need for precision external capacitors for timing.
4. **One-Shot / Switch Driver:**
* This component controls the steering of the reference current into the integrator to "reset" the charge, maintaining the balance.
---
### Pin Configuration Functions
| Pin Category | Description |
| :--- | :--- |
| **$V_{IN}$** | The analog input terminal where the voltage to be converted is applied. |
| **Clock Input** | Receives the external square wave that defines the full-scale frequency. |
| **Frequency Output** | An open-collector output that provides the pulse train. |
| **$V_{EE}$ / $V_{CC}$** | Negative and Positive power supply rails. |
| **Threshold / Trim** | Pins used for fine-tuning the offset and gain (scale factor). |
---
### Advantages of the "Synchronous" Design
* **Clock Stability:** The accuracy of the conversion depends on the stability of the external clock rather than an external capacitor, which is prone to aging and temperature drift.
* **Ease of Interfacing:** Since the output is synchronous, it is much easier to interface with digital systems (like Microcontrollers or FPGAs) for frequency counting without jitter issues.
---
- ⤷
What is the main difference between the AD652 and the asynchronous AD650?
- ⤷ How do you calculate the output frequency based on the input voltage and clock?
- ⤷ What are the typical applications for a military-grade VFC like the AD652SW?