Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD7376ARUZ100-R7

  • AI
    ## Overview of the AD7376ARUZ100-R7 The **AD7376ARUZ100-R7** is a high-voltage, high-performance digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in applications requiring precision and electronic control. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance** | 100 kΩ | | **Resolution** | 128 Positions (7-Bit) | | **Supply Voltage (Single)** | 4.5 V to 33 V | | **Supply Voltage (Dual)** | ±4.5 V to ±16.5 V | | **Interface Type** | 3-Wire Serial (SPI Compatible) | | **Package** | 14-Lead TSSOP (RU-14) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the AD7376 consists of several electronic sub-systems: * **Resistor Ladder:** A string of 128 highly stable thin-film resistors. * **Wiper Switches:** CMOS switches that connect the desired tap point to the output terminal. * **Serial-to-Parallel Register:** Receives the 7-bit data from the SPI interface to select the wiper position. * **Power-On Reset:** Ensures the wiper starts at a mid-scale position (position 64) upon initial power-up. --- ### 3. Key Electronic Characteristics #### High Voltage Capability Unlike many digital pots that operate only at 5V, the AD7376 can handle up to **33V**. This makes it ideal for industrial control systems and high-voltage bias adjustments. #### Terminal Voltage Constraints The voltage at the resistor terminals (A, B, and W) must remain within the range of the supply rails ($V_{SS}$ and $V_{DD}$). If you are using a ±15V supply, the signal on the potentiometer can swing between -15V and +15V. #### Serial Interface It uses a simple 3-wire SPI-compatible interface: 1. **CS (Chip Select):** Enables the device. 2. **CLK (Clock):** Synchronizes data transfer. 3. **SDI (Serial Data Input):** Receives the 7-bit word determining the resistance level. --- ### 4. Application Examples * **LCD VCOM Adjustment:** Controlling the common-mode voltage in large displays. * **Programmable Filters:** Tuning the cutoff frequency of active filters. * **Power Supply Calibration:** Adjusting the output voltage of a DC-DC converter remotely. * **Audio Volume Control:** Since it supports dual rails (±15V), it can handle high-swing audio signals without clipping. --- ### 5. Part Number Breakdown (AD7376ARUZ100-R7) | Suffix | Meaning | | :--- | :--- | | **AD7376** | Base Model Number | | **ARUZ** | TSSOP Plastic Package (RoHS Compliant) | | **100** | 100 kΩ End-to-End Resistance | | **R7** | Tape and Reel (7-inch reel) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between volatile and non-volatile memory in digital potentiometers?
    • ⤷ How do I calculate the output voltage at the wiper (W) terminal?
    • ⤷ Can I use the AD7376 in a rheostat configuration?