AD737KRZ-R7
AI

The **AD737KRZ-R7** is a high-precision, low-power, monolithic true RMS-to-DC converter manufactured by Analog Devices. It is designed to compute the root mean square value of both AC and DC signals with high accuracy.
---
### ## Technical Specifications
Below is a summary of the key electrical characteristics of the AD737KRZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.2 mV ± 0.3% of Reading |
| **Supply Voltage (Dual)** | ±2.5 V to ±8.0 V |
| **Supply Voltage (Single)** | +2.8 V to +16.5 V |
| **Supply Current** | 160 µA (Typical) |
| **Bandwidth (-3 dB)** | 190 kHz (at 200 mV RMS) |
| **Package Type** | 8-Lead SOIC (Small Outline Integrated Circuit) |
| **Mounting Type** | Surface Mount |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Internal Components & Architecture
The AD737KRZ-R7 operates using a specialized analog computation circuit. Its internal architecture consists of four main stages:
1. **High-Impedance Input Stage:** This allows the device to be interfaced with high-impedance sources (like sensors or voltage dividers) without loading the signal.
2. **Absolute Value Circuit:** Converts the input signal into its absolute value (rectification).
3. **Squaring/Divider Core:** Performs the mathematical squaring of the signal and divides it by the average output, following the formula: $V_{out} = \text{Avg}[V_{in}^2 / V_{out}]$.
4. **Filtering/Output Buffer:** An external capacitor (connected to the $C_{AV}$ pin) determines the averaging time constant, smoothing the DC output.
---
### ## Features and Advantages
* **True RMS Measurement:** Unlike "mean-rectified" converters, this chip provides accurate readings for complex waveforms, including pulse trains, square waves, and noise.
* **Low Power Consumption:** With a typical current draw of only 160 µA, it is ideal for battery-powered handheld instruments.
* **High Input Impedance:** The $10^{12} \Omega$ input impedance minimizes errors when connected to high-resistance sources.
* **Power-Down Mode:** It features a standby mode to further reduce power consumption when measurements are not being taken.
---
### ## Typical Applications
The AD737 series is commonly found in precision instrumentation where size and power are constraints:
* **Handheld Multimeters:** For measuring AC voltage/current.
* **Battery-Powered Tools:** Monitoring energy consumption.
* **Condition Monitoring:** Vibration and acoustic signal analysis.
* **Data Acquisition Systems:** Converting analog sensor outputs for microcontrollers.
---
- ⤷How do I calculate the value of the averaging capacitor (CAV) for a specific frequency?
- ⤷ What are the main differences between the AD737 and the AD736?
- ⤷ Can the AD737KRZ-R7 operate on a single-ended 5V power supply?