AD7440BRTZ-R2
AI

The **AD7440BRTZ-R2** is a high-speed, low-power, 10-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is specifically designed to operate from a single 2.35V to 5.25V power supply.
---
### ## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD7440BRTZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 10-Bit |
| **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) |
| **Power Consumption** | 3 mW (at 1 MSPS, 3V supply) |
| **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) |
| **Input Type** | Pseudo-Differential |
| **Package** | SOT-23-6 (6-lead Small Outline Transistor) |
| **Temperature Range** | -40°C to +85°C |
---
### ## 2. Core Functional Components
The device consists of several critical internal sections:
1. **Track-and-Hold Amplifier:** This circuit captures the input signal and holds it steady during the conversion process. It can handle input frequencies up to 1 MHz.
2. **Successive Approximation Register (SAR):** This is the "brain" of the ADC that determines the value of each bit (from MSB to LSB) by comparing the input voltage against a reference.
3. **Control Logic:** Manages the timing of the conversion and the serial data transfer via the `CS` (Chip Select) and `SCLK` (Serial Clock) pins.
4. **Pseudo-Differential Input:** Unlike a single-ended input, this accepts a differential signal where the negative input is restricted to a small range around ground. This helps in rejecting low-frequency noise.
---
### ## 3. Pin Configuration
The SOT-23 package is extremely compact, utilizing only 6 pins to perform its functions:
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **$V_{IN}+$** | Positive Analog Input |
| 2 | **$V_{IN}-$** | Negative Analog Input (usually connected to GND) |
| 3 | **GND** | Ground Reference |
| 4 | **$V_{DD}$** | Power Supply and Reference Voltage Input |
| 5 | **SCLK** | Serial Clock Input (clocks the conversion and data out) |
| 6 | **$\overline{CS}$ / SDATA** | Chip Select and Serial Data Output |
---
### ## 4. Application Use-Cases
Due to its small footprint and low power consumption, the AD7440 is commonly found in:
* **Battery-powered systems:** Handheld instruments and remote sensors.
* **Data Acquisition:** High-speed logging where space is limited.
* **Medical Instruments:** Portable monitoring devices.
* **Communications:** Base station monitoring and signal processing.
- ⤷
What is the difference between the AD7440 and the AD7441?
- ⤷ How do you calculate the power dissipation at different sampling rates?
- ⤷ Can the Vdd pin be used as the reference voltage for this ADC?