AD7466BRTZ-R
AI

## Technical Overview of the AD7466BRTZ-R2
The **AD7466BRTZ-R2** is a high-performance, low-power, 12-bit Successive Approximation Register (SAR) Analog-to-Digital Converter (ADC) manufactured by **Analog Devices**. It is designed specifically for battery-powered applications where space and power consumption are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 12-Bit |
| **Throughput Rate** | Up to 100 kSPS (kilo-samples per second) |
| **Interface** | Serial (SPI/QSPI™/MICROWIRE™/DSP compatible) |
| **Supply Voltage** | 1.6 V to 3.6 V |
| **Power Consumption** | 0.62 mW max at 100 kSPS (3V supply) |
| **Package Type** | 6-lead SOT-23 (Surface Mount) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Electronic Components
The internal architecture of the AD7466 consists of several critical stages:
1. **Track-and-Hold Amplifier:** Captures the input signal and maintains its value while the conversion process occurs.
2. **SAR ADC Core:** The "Successive Approximation Register" uses a binary search algorithm to convert the analog voltage into a digital 12-bit word.
3. **Digital Interface:** A high-speed serial interface that allows the part to communicate with microcontrollers (MCUs) or Digital Signal Processors (DSPs).
4. **Power Management:** The device automatically enters a power-down mode between conversions, which is why it consumes very little current (less than 0.1 µA in standby).
---
### 3. Pin Configuration (SOT-23)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **VDD** | Power Supply (1.6V to 3.6V) |
| 2 | **GND** | Ground Reference |
| 3 | **VIN** | Analog Input Channel (0V to VDD) |
| 4 | **SCLK** | Serial Clock Input |
| 5 | **SDAT** | Serial Data Output (12-bit data stream) |
| 6 | **CS** | Chip Select (Active Low) |
---
### 4. Application Use Cases
Because the AD7466 is extremely small and energy-efficient, it is commonly found in:
* **Medical Instruments:** Portable glucose meters and heart rate monitors.
* **Mobile Devices:** Battery monitoring and touchscreen controllers.
* **Remote Sensors:** IoT nodes that rely on energy harvesting or long-term battery life.
* **Industrial Automation:** Isolated data acquisition.
---
### 5. Part Number Breakdown
* **AD7466:** Model number (12-bit low power ADC).
* **B:** Grade (specifies accuracy/linearity).
* **RTZ:** Package code (SOT-23, Lead-Free/RoHS compliant).
* **R2:** Reel size (usually denotes a 7-inch reel containing 250 units).
- ⤷
How does the SAR architecture differ from a Sigma-Delta ADC in terms of speed and power?
- ⤷ What is the maximum input frequency this ADC can accurately sample based on the Nyquist theorem?
- ⤷ Can the AD7466 interface directly with a 5V microcontroller without level shifters?