AD7680BRJZ-R2
AI

## Overview of AD7680BRJZ-R2
The **AD7680BRJZ-R2** is a high-performance, 16-bit, successive-approximation (SAR) Analog-to-Digital Converter (ADC). Manufactured by Analog Devices, it is known for its extremely compact size and low power consumption, making it ideal for battery-powered and space-constrained applications.
---
### Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Resolution** | 16-Bit |
| **Throughput Rate** | Up to 100 kSPS (kilo-samples per second) |
| **Interface** | Serial SPI / QSPI / MICROWIRE / DSP Compatible |
| **Input Voltage Range** | 0V to $V_{DD}$ (Unipolar) |
| **Power Supply** | 2.5V to 5.5V |
| **Power Consumption** | ~3 mW (at 100 kSPS, 3V supply) |
| **Package Type** | SOT-23-6 (Tiny 6-lead surface mount) |
| **Operating Temp** | -40°C to +85°C |
---
### Core Functional Blocks
1. **SAR ADC Core:** The heart of the device uses Successive Approximation Register logic to convert analog signals to digital values without the latency issues found in pipeline ADCs.
2. **Sample-and-Hold (T/H):** It features a track-and-hold circuit that ensures the input signal remains stable during the conversion process.
3. **Serial Interface:** It utilizes a 3-wire high-speed serial interface. The data is clocked out on the falling edge of the serial clock (SCLK), allowing for easy integration with microcontrollers.
4. **Reference:** The reference for the device is taken internally from the $V_{DD}$ supply, which simplifies the design but requires a stable and clean power supply for high accuracy.
---
### Pin Configuration (SOT-23-6)
| Pin No. | Name | Description |
|:---:|:---|:---|
| 1 | **$V_{DD}$** | Power supply and Reference input. |
| 2 | **GND** | Ground reference. |
| 3 | **$V_{IN}$** | Analog input channel. |
| 4 | **SCLK** | Serial Clock input for data synchronization. |
| 5 | **SDAT** | Serial Data output (the converted 16-bit word). |
| 6 | **$\overline{CS}$** | Chip Select (Active Low) / Initiates conversion. |
---
### Typical Application Circuit
The AD7680 requires minimal external components. A typical implementation involves decoupling capacitors on the supply line and a simple RC filter on the analog input to reduce noise.
```c
// Pseudocode for reading AD7680 via SPI
uint16_t readADC() {
uint16_t result = 0;
digitalWrite(CS_PIN, LOW); // Start conversion
result = SPI.transfer16(0x0000); // Clock in 16 bits of data
digitalWrite(CS_PIN, HIGH); // End communication
return result;
}
```
---
### Common Use Cases
* **Battery-Powered Systems:** Due to its low power draw and "Power-Down" mode between conversions.
* **Medical Instrumentation:** Portable ECGs or glucose meters.
* **Remote Data Acquisition:** Ideal for isolated sensors where space is at a premium.
* **Process Control:** Monitoring transducer outputs in industrial environments.
- ⤷
How does the AD7680 handle power consumption in between conversions?
- ⤷ What are the advantages of using a SAR ADC over a Delta-Sigma ADC for this part?
- ⤷ Can I use an external reference voltage with the AD7680
- ⤷ or must it use VDD?