AD7911AUJ-R2
AI

The **AD7911AUJ-R2** is a high-performance, low-power, 10-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is designed for applications where space and power consumption are critical.
---
### ## 1. Key Specifications
The following table highlights the core electrical characteristics of the AD7911:
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 10-Bit |
| **Throughput Rate** | Up to 250 kSPS |
| **Input Channels** | 2-Channel (Dual Single-Ended) |
| **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) |
| **Supply Voltage** | 2.35 V to 5.25 V |
| **Power Consumption** | ~3.3 mW (at 3V, 250 kSPS) |
| **Package Type** | 6-Lead TSOT (Thin Small Outline Transistor) |
---
### ## 2. Functional Description
The AD7911 operates using a switched-capacitor DAC architecture. It does not require an external clock for conversion, as it utilizes an internal oscillator.
* **Analog Input:** It features two single-ended analog inputs ($V_{IN1}$ and $V_{IN2}$). The input signal range is 0V to $V_{DD}$.
* **Power Management:** The device automatically enters a power-down mode after a conversion is completed and "wakes up" when a new conversion is initiated. This makes it ideal for battery-operated devices.
* **Reference:** The reference for the ADC is derived internally from $V_{DD}$, which simplifies the circuit design by removing the need for an external reference pin.
---
### ## 3. Typical Application Circuit
In a standard configuration, the AD7911 requires minimal external components. Below is a conceptual representation of the pin connections:
```cpp
// Schematic Pinout Logic
[VDD] ---- (Supply 2.35V - 5.25V)
[GND] ---- (System Ground)
[VIN1] --- (Analog Input Channel 1)
[VIN2] --- (Analog Input Channel 2)
[SCLK] --- (Serial Clock from MCU)
[SDATA] -- (Serial Data Out to MCU)
[CS] ----- (Chip Select / Trigger Conversion)
```
---
### ## 4. Common Use Cases
* **Battery-Powered Systems:** Due to its low power consumption and automatic power-down features.
* **Data Acquisition:** High-speed sampling for sensor monitoring.
* **Medical Instrumentation:** Compact portable diagnostic tools.
* **Communications:** Signal level monitoring in RF or optical modules.
---
- ⤷
What are the main differences between the AD7911 and the AD7921?
- ⤷ How do I calculate the power consumption at lower sampling rates?
- ⤷ Can the AD7911 handle differential input signals?