AD7921AUJ-R2
AI

## Overview of the AD7921AUJ-R2
The **AD7921AUJ-R2** is a high-speed, low-power, 12-bit Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is designed to operate from a single 2.35V to 5.25V power supply and features a throughput rate of up to 250 kSPS (kilo-samples per second).
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 12-Bit |
| **Throughput Rate** | Up to 250 kSPS |
| **Input Channels** | 2-Channel (Single-ended) |
| **Interface** | Serial (SPI/QSPI/MICROWIRE/DSP Compatible) |
| **Supply Voltage** | 2.35V to 5.25V |
| **Power Consumption** | 3 mW (at 3V, 250 kSPS) |
| **Package** | 6-Lead TSOT-23 |
| **Operating Temp** | -40°C to +125°C |
---
### Key Internal Components and Functions
1. **Successive Approximation Register (SAR):**
The core architecture is based on a SAR ADC. This part uses a binary search algorithm to convert an analog input voltage into a digital code by comparing it against a reference.
2. **Analog Input Multiplexer:**
The device contains two analog input channels (`VIN0` and `VIN1`). The user can select which channel to convert via the control register. This makes it ideal for monitoring two different sensors simultaneously.
3. **Track-and-Hold Amplifier:**
This component captures the input signal at a specific moment in time and holds the voltage steady while the conversion process occurs, ensuring accuracy even for AC signals.
4. **Serial Interface:**
It uses a standard high-speed SPI interface. The data is clocked out on the falling edge of `SCLK`, and the `CS` (Chip Select) pin initiates the conversion process and frames the data transfer.
---
### Pinout Configuration
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **$V_{DD}$** | Power supply and Reference input |
| 2 | **GND** | Ground reference |
| 3 | **$V_{IN0}$** | Analog input channel 0 |
| 4 | **$V_{IN1}$** | Analog input channel 1 |
| 5 | **SCLK** | Serial Clock Input |
| 6 | **SDATA** | Serial Data Output (Conversion results) |
---
### Typical Applications
* **Battery-Powered Systems:** Due to its low power consumption and "sleep" modes.
* **Data Acquisition:** General-purpose voltage monitoring in industrial environments.
* **Instrumentation:** Portable medical or scientific testing equipment.
* **Control Loops:** Feedback systems in motor or power supply control.
- ⤷
What are the differences between the AD7921 and the AD7922?
- ⤷ How does the power-down mode work in this specific ADC?
- ⤷ Can the AD7921 be used with a 3.3V microcontroller via SPI?