Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD7922AUJ-R2

  • AI
    ## Overview of the AD7922AUJ-R2 The **AD7922AUJ-R2** is a high-speed, low-power, 12-bit Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is designed for applications requiring high performance in a compact footprint, featuring a dual-channel multiplexer and a serial interface. --- ### 1. Key Specifications The following table outlines the core electrical and performance characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Channels** | 2-Channel (Multiplexed) | | **Interface** | SPI, QSPI™, MICROWIRE™, DSP Compatible | | **Power Supply** | 2.35 V to 5.25 V | | **Power Consumption** | 2.7 mW (at 3V, 1 MSPS) | | **Package Type** | 6-Lead TSOT-23 | | **SNR (Signal-to-Noise Ratio)** | 70 dB (typical at 100 kHz) | --- ### 2. Core Electronic Features #### A. Architecture The device utilizes a **Successive-Approximation (SAR)** architecture. This is ideal for medium-to-high resolution applications because it provides low latency and high accuracy without the complexity of pipeline ADCs. #### B. Power Management The AD7922 is designed for efficiency. It features an automatic power-down mode that activates after a conversion is completed. This makes it suitable for battery-powered or portable equipment, as the power consumption scales directly with the throughput rate. #### C. Input and Reference * **Analog Input:** It accepts an analog input range from 0V to $V_{DD}$. * **Reference:** The device uses the power supply ($V_{DD}$) as its reference voltage, which simplifies the circuit design by removing the need for an external reference chip, though it requires a stable supply rail. #### D. Communication Interface The device communicates via a **high-speed 3-wire serial interface**. * **CS (Chip Select):** Initiates the conversion process and frames the data transfer. * **SCLK (Serial Clock):** Clocks the data out of the device. * **SDATA (Serial Data):** Provides the 12-bit conversion result. --- ### 3. Pin Configuration (TSOT-23) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **$V_{DD}$** | Power Supply and Reference Input | | 2 | **GND** | Analog and Digital Ground | | 3 | **$V_{IN}0$** | Analog Input Channel 0 | | 4 | **$V_{IN}1$** | Analog Input Channel 1 | | 5 | **SCLK** | Serial Clock Input | | 6 | **SDATA** | Serial Data Output (Logic) | --- ### 4. Typical Applications * **Battery-Powered Systems:** Due to the low power and automatic power-down features. * **Data Acquisition:** High-speed sampling for sensors and transducers. * **Control Loops:** Fast enough for motor control or digital feedback systems. * **Instrumentation:** Portable medical or industrial testing equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD7921 and AD7922?
    • ⤷ How does the 'Automatic Power-Down' feature impact the maximum sampling rate?
    • ⤷ Can you provide a basic SPI initialization code for this ADC?