AD8005ART-R2
AI

The **AD8005ART-R2** is a high-speed, low-power current feedback operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high performance with minimal power consumption.
---
## 1. Core Technical Specifications
The following table outlines the key electrical characteristics of the AD8005ART-R2:
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Current Feedback Op-Amp |
| **Bandwidth (-3 dB)** | 270 MHz |
| **Slew Rate** | 1500 V/µs |
| **Quiescent Current** | 400 µA (Typical) |
| **Supply Voltage Range** | ±1.5 V to ±6 V (or 3V to 12V single) |
| **Settling Time (0.1%)** | 10 ns |
| **Output Current** | 10 mA |
| **Package Type** | SOT-23-5 (Small Outline Transistor) |
---
## 2. Key Features and Advantages
### Low Power Consumption
One of the most significant aspects of this part is its **400 µA** quiescent current. This makes it ideal for battery-operated portable devices where power efficiency is critical, without sacrificing the speed typical of high-end op-amps.
### High-Speed Performance
Despite its low power draw, it offers a **270 MHz bandwidth** and a massive **1500 V/µs slew rate**. This allows the component to handle fast-rising pulses and high-frequency signals with minimal distortion.
### Current Feedback Architecture
Unlike standard voltage feedback amplifiers, the current feedback architecture of the AD8005 allows the closed-loop bandwidth to remain relatively constant regardless of the gain setting.
---
## 3. Pin Configuration (SOT-23-5)
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Amplifier Output |
| 2 | **V-** | Negative Supply Voltage |
| 3 | **+IN** | Non-Inverting Input |
| 4 | **-IN** | Inverting Input |
| 5 | **V+** | Positive Supply Voltage |
---
## 4. Common Applications
* **Battery-powered instrumentation:** Handheld oscilloscopes or multimeters.
* **Video line drivers:** Driving low-capacitance loads in video distribution.
* **ADC Buffering:** Acting as an interface for high-speed Analog-to-Digital Converters.
* **Portable Communications:** Low-power IF (Intermediate Frequency) stages.
---
- ⤷
What are the main differences between the AD8005 and a standard voltage feedback amplifier?
- ⤷ How does the SOT-23 package impact the thermal management of this chip?
- ⤷ Can the AD8005 be used with a single 5V power supply?