AD8007AKSZ-R2
AI

The **AD8007AKSZ-R2** is a high-performance, operational amplifier manufactured by Analog Devices. It is specifically designed for high-speed applications requiring low power consumption and high output current.
---
### 1. Key Technical Specifications
The AD8007 belongs to a family of current feedback amplifiers. Below are its primary electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Architecture** | Current Feedback |
| **Bandwidth (-3 dB)** | 650 MHz |
| **Slew Rate** | 1000 V/µs |
| **Supply Voltage Range** | 5V to 12V (Single or Dual) |
| **Supply Current** | 9 mA |
| **Output Current** | up to 125 mA |
| **Package Type** | SC70-5 (represented by the 'KSZ' code) |
---
### 2. Functional Components and Pinout
The "AKSZ" suffix refers to the 5-lead SC70 package, which is extremely compact for space-constrained PCB designs.
| Pin Number | Function | Description |
| :---: | :--- | :--- |
| 1 | **VOUT** | Amplifier Output |
| 2 | **-VS** | Negative Supply Voltage |
| 3 | **+IN** | Non-inverting Input |
| 4 | **-IN** | Inverting Input |
| 5 | **+VS** | Positive Supply Voltage |
---
### 3. Part Number Breakdown
Understanding the suffix codes helps in identifying the exact physical and shipping specifications:
* **AD8007**: The base model number.
* **A**: Performance grade/temperature range (-40°C to +85°C).
* **KSZ**: Package code (SC70) and 'Z' denotes Lead-Free (RoHS compliant).
* **R2**: Tape and Reel packaging specification (typically a 7-inch reel with 250 units).
---
### 4. Application Areas
Due to its high speed and low distortion, the AD8007AKSZ-R2 is commonly found in:
* **Video Electronics**: Driving high-resolution video signals.
* **Communication Systems**: Used in IF and baseband gain stages.
* **Instrumentation**: High-speed signal conditioning for ADCs.
* **Optical Networking**: Transimpedance amplifiers or laser diode drivers.
---
### 5. Implementation Example
When using a current feedback amplifier like the AD8007, the feedback resistor ($R_f$) value is critical for stability. Here is a basic code representation of how one might calculate the gain in a non-inverting setup:
```python
# Simple Gain Calculation for AD8007
rf = 499 # Recommended Feedback Resistor in Ohms
rg = 499 # Gain Resistor in Ohms
def calculate_gain(rf, rg):
gain = 1 + (rf / rg)
return gain
print(f"The circuit gain is: {calculate_gain(rf, rg)}")
```
- ⤷What is the difference between current feedback and voltage feedback amplifiers?
- ⤷ How does the feedback resistor value affect the stability of the AD8007?
- ⤷ What are the thermal considerations for the SC70 package at high output currents?