Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8007ARZ-R7

  • AI
    ## AD8007ARZ-R7: High-Speed, Low-Distortion Op Amp The **AD8007ARZ-R7** is a high-performance, current feedback operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring high speed, low power consumption, and exceptionally low distortion. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the AD8007ARZ-R7: | Parameter | Specification | | :--- | :--- | | **Architecture** | Current Feedback | | **Bandwidth (-3 dB)** | 650 MHz ($G = +1$) | | **Slew Rate** | 1000 V/µs | | **Supply Current** | 9 mA (Typical) | | **Output Current** | Up to 125 mA | | **Harmonic Distortion** | -120 dBc @ 5 MHz | | **Voltage Supply Range** | 5 V to 12 V (Single or Dual) | | **Package Type** | 8-Lead SOIC_N | --- ### 2. Functional Features * **High Speed:** With a 650 MHz bandwidth and a 1000 V/µs slew rate, it is ideal for processing high-frequency video and RF signals. * **Low Distortion:** It maintains excellent signal integrity, making it suitable for driving high-performance Analog-to-Digital Converters (ADCs). * **Current Feedback Architecture:** Unlike traditional voltage feedback op-amps, the bandwidth of this device is relatively independent of the closed-loop gain. * **Packaging:** The "ARZ" suffix denotes the standard SOIC package (Pb-free), and "R7" indicates it is supplied on a 7-inch tape and reel (usually 1,000 pieces). --- ### 3. Common Applications The AD8007 is widely used in sectors requiring precision at high speeds: 1. **Instrumentation:** High-speed data acquisition and pulse amplifiers. 2. **Video Equipment:** Professional cameras and video switches. 3. **Communication:** Base stations and RF gain stages. 4. **ADC Drivers:** Acting as a buffer or gain stage for high-speed converters. --- ### 4. Typical Connection Diagram (Non-Inverting) ```text +Vs | [0.1uF] (Bypass) | +-----|-----+ | 7 | --| 3 (+) 6 |--- Output | AD8007 | --| 2 (-) 4 |---+ | | | | +-----|-----+ --- | GND -Vs ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8007 compare to the AD8008 dual op-amp?
    • ⤷ What are the layout considerations for a 650 MHz op-amp?
    • ⤷ What is the specific purpose of the 'R7' suffix in the part number?