Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8009JRTZ-R2

  • AI
    ## AD8009JRTZ-R2: Electronic Component Overview The **AD8009JRTZ-R2** is a high-performance, ultra-high-speed current feedback operational amplifier manufactured by **Analog Devices**. It is designed specifically for applications requiring high bandwidth, low distortion, and fast settling times. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Current Feedback | | **Bandwidth (-3 dB)** | 1.0 GHz (G = +1) | | **Slew Rate** | 5,500 V/µs | | **Settling Time** | 10 ns to 0.1% | | **Operating Voltage** | ±2.5V to ±6V (or 5V to 12V single supply) | | **Input Bias Current** | 50 µA (Max) | | **Package / Case** | SOT-23-5 | | **Output Current** | 175 mA | --- ### 2. Core Features * **Extreme Speed:** With a slew rate of 5,500 V/µs, this chip can handle extremely rapid changes in signal voltage without distortion, making it ideal for pulse-based systems. * **High Output Drive:** It can deliver up to 175 mA of current, allowing it to drive heavy capacitive loads or 50Ω/75Ω back-terminated video cables directly. * **Low Distortion:** It maintains excellent signal integrity even at high frequencies, which is critical for RF and video applications. ### 3. Pin Configuration (SOT-23-5) The device is housed in a small 5-lead SOT-23 package, commonly used for space-constrained PCB designs. | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | VOUT | Output Signal | | 2 | -VS | Negative Supply Voltage | | 3 | +IN | Non-Inverting Input | | 4 | -IN | Inverting Input | | 5 | +VS | Positive Supply Voltage | --- ### 4. Typical Applications 1. **Video Electronics:** Driving video cables (NTSC, PAL, SECAM) and high-speed switching. 2. **Instrumentation:** Fast pulse amplification and signal conditioning in medical or laboratory equipment. 3. **Communication Systems:** IF/RF gain stages and baseband signal processing. 4. **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters to ensure accurate data capture. ### 5. Part Number Breakdown * **AD8009:** The base model number. * **J:** Performance grade (Temperature range 0°C to 70°C). * **RTZ:** Package code for SOT-23 (Lead-Free/RoHS compliant). * **R2:** Reel size/quantity (typically indicates a 7-inch reel with 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for a 1 GHz operational amplifier?
    • ⤷ How does a current feedback amplifier differ from a voltage feedback amplifier in circuit design?
    • ⤷ Can the AD8009 be used with a single 5V power supply?