Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8174ARZ-R7

  • AI
    The **AD8174ARZ-R7** is a high-speed, buffered multiplexer manufactured by Analog Devices. It is specifically designed for video routing, instrumentation, and switching applications where high signal integrity and speed are critical. --- ### 1. Key Technical Specifications Below are the primary electrical and performance parameters for the AD8174ARZ-R7: | Parameter | Specification | |:--- |:--- | | **Function** | 4-to-1 Buffered Video Multiplexer | | **Bandwidth (-3 dB)** | 250 MHz | | **Slew Rate** | 1000 V/µs | | **Differential Gain Error** | 0.02% | | **Differential Phase Error** | 0.05° | | **Settling Time (0.1%)** | 10 ns | | **Supply Voltage Range** | ±5 V to ±15 V | | **Package Type** | SOIC-14 (Small Outline Integrated Circuit) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Components The internal architecture of the AD8174 consists of several distinct electronic sections: #### A. Multiplexer Core (4:1) The device contains four high-speed input stages. Only one input is active at a time, determined by the logic levels applied to the address pins ($A_0$ and $A_1$). #### B. Output Buffer/Amplifier Unlike simple passive switches, the AD8174 includes an integrated operational amplifier at the output. This provides: * **Low Output Impedance:** Allowing it to drive cables or heavy capacitive loads directly. * **Unity Gain Stability:** The amplifier is compensated to remain stable even when configured for a gain of 1. #### C. Control Logic The chip features digital control pins compatible with TTL and CMOS logic levels. * **Address Pins ($A_0, A_1$):** Select the input channel. * **Enable Pin ($\overline{EN}$):** Allows the output to be disabled (High-Z state), which is useful for creating larger matrix switches by connecting multiple AD8174 outputs together. --- ### 3. Application Use-Cases The AD8174 is typically found in professional electronics requiring high-frequency signal management: 1. **Video Routers:** Switching between high-definition composite or RGB video sources. 2. **Pixel Switching:** Fast switching between different signal streams in imaging equipment. 3. **Signal Multiplexing in Oscilloscopes:** Routing multiple input channels to a single ADC (Analog-to-Digital Converter). 4. **Workstations:** High-resolution computer graphics distribution. --- ### 4. Part Number Breakdown (Suffixes) * **ARZ:** Indicates the package type (SOIC) and that the device is Lead-Free/RoHS compliant. * **R7:** Specifies the packaging format, meaning it is shipped on a **7-inch Tape and Reel** for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8170
    • ⤷ AD8174
    • ⤷ and AD8180 series?
    • ⤷ How do you calculate the power dissipation of the AD8174 under a 150-ohm load?
    • ⤷ Can this multiplexer be used for digital signals
    • ⤷ or is it strictly analog?