AD8188ARUZ-R7
AI

The **AD8188ARUZ-R7** is a high-speed, 2-to-1 multiplexer designed primarily for high-resolution video applications. Manufactured by Analog Devices, it is engineered to handle signals with very high bandwidth while maintaining low distortion.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8188ARUZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Type** | 2:1 High-Speed Multiplexer |
| **Bandwidth (-3 dB)** | 350 MHz |
| **Slew Rate** | 1200 V/µs |
| **Differential Gain** | 0.02% |
| **Differential Phase** | 0.02° |
| **Supply Voltage Range** | ±4.5V to ±5.5V (or Single +5V) |
| **Package Type** | 24-Lead TSSOP |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Core Functional Blocks
The internal architecture of the AD8188 is optimized for signal integrity. Key components include:
* **Input Stage:** Features high input impedance to minimize loading on the signal source.
* **Switching Logic:** Digital control pins allow for rapid switching between input channels with minimal "switching transients" (glitches).
* **Output Driver:** Designed to drive back-terminated coaxial cables (typically 150 $\Omega$ loads) without significant signal degradation.
* **Enable/Disable Feature:** Includes a high-speed "Enable" pin that puts the output into a high-impedance state, allowing multiple chips to be bussed together.
---
### 3. Applications
Due to its high bandwidth and low distortion, this part is commonly used in:
1. **Video Routing:** Switching between high-definition RGB or component video sources.
2. **LCD Projectors:** Managing signal paths for high-resolution displays.
3. **Medical Imaging:** Handling high-speed data from ultrasound or MRI sensors.
4. **Test Equipment:** Oscilloscopes and signal generators requiring fast path selection.
---
### 4. Implementation Example
To use the AD8188 in a basic circuit, you would typically follow this logic structure:
```c
// Pseudocode for Hardware Control Logic
IF (Select_Pin == HIGH) {
Route Input_Channel_2 TO Output;
} ELSE {
Route Input_Channel_1 TO Output;
}
IF (Enable_Pin == LOW) {
Output = High_Impedance; // Chip is disabled
}
```
---
- ⤷
What are the power consumption characteristics of the AD8188 during high-speed switching?
- ⤷ How does the AD8188 compare to the AD8189 in terms of gain?
- ⤷ What are the PCB layout recommendations to minimize crosstalk for this TSSOP package?