AI

The **AD8189ARUZ-R7** is a high-speed, 2-to-1 differential video multiplexer (mux) developed by Analog Devices. It is specifically designed for high-resolution video applications, offering high bandwidth and excellent switching speeds.
---
### ## Technical Specifications
The following table summarizes the key electronic characteristics of the AD8189ARUZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Function** | 2:1 Differential Video Multiplexer |
| **Bandwidth (-3 dB)** | 350 MHz |
| **Slew Rate** | 1000 V/µs |
| **Differential Gain Error** | 0.02% |
| **Differential Phase Error** | 0.02° |
| **Supply Voltage Range** | ±4.5V to ±5.5V |
| **Package Type** | TSSOP-24 (Thin Shrink Small Outline) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### ## Key Electronic Features
1. **High-Speed Performance**: With a bandwidth of **350 MHz**, it is capable of handling high-resolution signals (such as UXGA or component HD video) without significant signal degradation.
2. **Low Distortion**: The extremely low differential gain and phase errors ensure that the color and brightness information in video signals remains accurate during the switching process.
3. **Internal Gain**: It features a fixed gain of 2 (6 dB) to compensate for cable termination losses, ensuring the output signal matches the input amplitude after passing through a 75Ω load.
4. **Fast Switching**: The "R7" suffix indicates the device is provided in a 7-inch reel format, and electronically, the mux features a fast switching time (approx. 10 ns), minimizing visual glitches during input transitions.
5. **Differential Inputs/Outputs**: Unlike standard single-ended muxes, the AD8189 handles differential signals, which provides superior noise immunity over long cable runs.
---
### ## Typical Application Circuitry
In a standard circuit, the AD8189 is used to select between two different video sources. Below is a conceptual representation of the pin-out functions:
* **Logic Pins (SEL)**: A TTL/CMOS compatible pin used to select between Input 1 and Input 2.
* **Differential Inputs**: Two sets of positive and negative inputs (IN1+, IN1- and IN2+, IN2-).
* **Termination**: Typically requires 75Ω or 100Ω resistors depending on whether it is used for composite or twisted-pair video.
```python
# Conceptual Pin Logic for AD8189
if SEL == 0:
Output = Input_Set_A # High-speed path A active
else:
Output = Input_Set_B # High-speed path B active
```
- ⤷
How does the fixed gain of 2 benefit professional video signal routing?
- ⤷ What are the power consumption characteristics of the AD8189 during active switching?
- ⤷ Are there single-ended alternatives for applications that do not require differential signaling?