AD8203YRMZ-R7
AI

## Technical Overview of the AD8203YRMZ-R7
The **AD8203YRMZ-R7** is a high-precision, single-supply difference amplifier designed by Analog Devices. It is specifically engineered to amplify small differential voltages in the presence of high common-mode voltages. This makes it ideal for current sensing applications in harsh environments, such as automotive and industrial systems.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Gain** | Fixed at 20 V/V |
| **Common-Mode Voltage Range** | -2 V to +45 V |
| **Supply Voltage** | 3.5 V to 12 V |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 8-MSOP (Mini Small Outline Package) |
| **Bandwidth** | 60 kHz |
---
### Core Electronic Components & Architecture
The AD8203 consists of two main stages that allow it to handle voltages outside its supply rails:
1. **Input Attenuator Stage:**
A precision resistor network at the input pins reduces the high common-mode voltage. These resistors are laser-trimmed to ensure a high **Common-Mode Rejection Ratio (CMRR)**, typically around 80 dB. This ensures that the chip only amplifies the difference between inputs, ignoring the absolute voltage.
2. **Amplifier Stage:**
A high-gain operational amplifier follows the attenuator. It provides the fixed gain of 20 and includes an internal reference for level shifting, allowing the output to be biased to a specific voltage (useful for bidirectional current sensing).
---
### Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **-IN** | Inverting Input |
| 2 | **GND** | Ground |
| 3 | **REF** | Reference Input (sets the output offset) |
| 4 | **NC** | No Connection |
| 5 | **OUT** | Output Voltage |
| 6 | **V+** | Positive Supply Voltage |
| 7 | **A1** | Internal connection for filtering/adjustment |
| 8 | **+IN** | Non-Inverting Input |
---
### Common Applications
* **High-Side Current Sensing:** Measuring current across a shunt resistor placed between the battery and the load.
* **Motor Control:** Monitoring phase currents in H-bridge configurations.
* **Battery Management Systems (BMS):** Tracking charge and discharge cycles.
* **Solenoid Control:** Monitoring current in automotive transmission or fuel injection systems.
---
### Implementation Example (Basic Current Sensing)
```python
# Theoretical Output Calculation (Python Logic)
def calculate_v_out(v_shunt, gain=20, v_ref=2.5):
"""
Calculates the output voltage of the AD8203.
v_shunt: Voltage across the sense resistor (V)
v_ref: Voltage applied to the REF pin (V)
"""
v_out = (v_shunt * gain) + v_ref
return v_out
# Example: 50mV shunt voltage with a 2.5V reference
print(f"Output: {calculate_v_out(0.050)}V") # Result: 3.5V
```
- ⤷
What is the significance of the -2V to +45V common-mode range for automotive use?
- ⤷ How does the 'R7' suffix in the part number affect the packaging?
- ⤷ Can the AD8203 be used for bidirectional current sensing?