Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8206WYRZ-R7

  • AI
    ## AD8206WYRZ-R7: Technical Overview The **AD8206WYRZ-R7** is a high-voltage, single-supply differential amplifier designed primarily for current sensing applications in harsh environments. It is manufactured by Analog Devices and is widely used in automotive systems due to its robust architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Common-Mode Voltage Range** | -2 V to +65 V | | **Supply Voltage** | 4.5 V to 5.5 V | | **Gain** | Fixed at 20 V/V | | **Bandwidth** | 100 kHz | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package Type** | 8-Lead SOIC_N | | **Input Offset Voltage** | 2 mV maximum | --- ### 2. Core Functional Components The device is composed of several specialized electronic sections that allow it to function effectively in high-side current sensing: #### A. Input Stage (High-Voltage Attenuator) The input stage features a resistor network that attenuates high common-mode voltages (up to 65V) down to a level that the internal low-voltage amplifier can process. It is designed to withstand large voltage swings and spikes without damaging the internal circuitry. #### B. Precision Differential Amplifier The core of the chip is a precision amplifier with a fixed gain of 20. This gain is achieved through laser-trimmed resistors, ensuring high accuracy and minimal gain drift over temperature changes. #### C. Output Buffer The output stage is designed to drive typical Analog-to-Digital Converter (ADC) inputs. It provides a low-impedance output and is rail-to-rail, meaning the output signal can swing very close to the supply and ground levels. --- ### 3. Key Features & Advantages * **High Common-Mode Rejection (CMRR):** It effectively ignores the high voltage on the line and only amplifies the small voltage drop across the shunt resistor. * **Bidirectional Sensing:** By applying a reference voltage to the `REF1` and `REF2` pins, the device can measure current flowing in both directions. * **Automotive Qualification:** The "W" in the part number indicates it is qualified for automotive applications (AEC-Q100), making it resistant to electromagnetic interference (EMI) and extreme heat. --- ### 4. Application Circuit Example In a typical setup, the AD8206 is used to measure the current across a shunt resistor ($R_{shunt}$): ```python # Conceptual Gain Calculation # Input: Differential voltage across shunt (V_diff) # Output: Voltage (V_out) V_shunt = Current * R_shunt V_out = (V_shunt * 20) + V_reference ``` ---
    ✨ Follow-up Questions
    • ⤷ How do the REF1 and REF2 pins determine the output offset for bidirectional sensing?
    • ⤷ What are the main differences between the AD8206 and its successor
    • ⤷ the AD8418?
    • ⤷ Can the AD8206 withstand negative voltage transients on the input?