AD8209AWBRMZ-R7
AI

## AD8209AWBRMZ-R7: Technical Overview
The **AD8209AWBRMZ-R7** is a high-performance, single-supply, difference amplifier manufactured by Analog Devices. It is specifically designed for high-side current sensing in demanding automotive and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Difference Amplifier / Current Sense Amplifier |
| **Common-Mode Voltage** | -2 V to +45 V (Continuous), -5 V to +65 V (Survival) |
| **Operating Supply** | 4.5 V to 5.5 V |
| **Gain** | Fixed at 14 V/V |
| **CMRR** | 80 dB (minimum, DC to 10 kHz) |
| **Bandwidth** | 80 kHz |
| **Package** | MSOP-8 (Mini Small Outline Package) |
| **Automotive Grade** | AEC-Q100 Qualified |
---
### 2. Core Features and Functionality
#### A. High Common-Mode Rejection
The primary strength of the AD8209 is its ability to extract a small differential signal (from a shunt resistor) while ignoring very high common-mode voltages. It can accurately track current even when the line voltage fluctuates between -2V and +45V.
#### B. Internal Architecture
The device consists of two main stages:
1. **Differential Amplifier Stage:** Features a robust input that handles high voltages.
2. **Instrumentation Stage:** Provides the gain and allows for offset adjustments using the reference pins.
#### C. Bi-directional Capability
By applying a voltage to the `REF1` and `REF2` pins, the output can be offset. This allows the amplifier to measure current flowing in both directions (charging/discharging), which is critical for motor control and battery management.
---
### 3. Pin Configuration (MSOP-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **-IN** | Inverting Input (Connect to load side of shunt) |
| 2 | **GND** | Ground |
| 3 | **REF2** | Reference Input 2 (Controls Output Offset) |
| 4 | **NC** | No Connection |
| 5 | **OUT** | Output Voltage |
| 6 | **VCC** | Supply Voltage (Typically 5V) |
| 7 | **REF1** | Reference Input 1 (Controls Output Offset) |
| 8 | **+IN** | Non-inverting Input (Connect to supply side of shunt) |
---
### 4. Typical Applications
* **Transmission Control:** Monitoring solenoid currents.
* **Electric Power Steering (EPS):** Sensing motor phase currents.
* **Motor Control:** DC-DC converters and BLDC motor drives.
* **Battery Management:** Monitoring charge and discharge cycles in EVs.
---
### 5. Ordering Information Suffix: "R7"
The **-R7** suffix indicates the packaging format: **7-inch Tape and Reel**, typically containing 1,000 units. The **W** indicates the automotive grade, and **RMZ** refers to the Lead-Free MSOP package.
- ⤷
How do you calculate the output voltage for a specific shunt resistor value using this chip?
- ⤷ What is the difference between the AD8209 and the AD8210?
- ⤷ Can this part be used for low-side current sensing?