Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8212WYRMZ-R7

  • AI
    ## AD8212WYRMZ-R7: Technical Overview The **AD8212WYRMZ-R7** is a high-voltage, precision shunt monitor (current sense amplifier) manufactured by Analog Devices. It is designed to measure small differential voltages across a sense resistor in the presence of high common-mode voltages. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Common-Mode Voltage** | 7 V to 65 V (up to 500 V with external MOSFET) | | **Supply Voltage Range** | 7 V to 65 V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package Type** | 8-Lead MSOP | | **Gain Accuracy** | ±1% (Typical) | | **Quiescent Current** | 150 µA (Typical) | --- ### 2. Functional Components and Architecture The AD8212 utilizes a unique architecture that allows it to operate safely at high voltages while maintaining high precision. * **Current Output Stage:** Unlike many voltage-output amplifiers, the AD8212 provides a current output proportional to the differential input voltage. This allows for easy shifting of the output signal to a ground-referenced level. * **High Side Sensing:** It is specifically designed for high-side sensing, meaning it monitors the current between the power source and the load. * **External MOSFET Compatibility:** For applications exceeding 65 V, the device can be configured with an external high-voltage NPN transistor or MOSFET to handle common-mode voltages up to **500 V**. --- ### 3. Pin Configuration | Pin # | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **+IN** | Non-inverting input (Connect to supply side of shunt) | | 2 | **-IN** | Inverting input (Connect to load side of shunt) | | 3 | **NC** | No internal connection | | 4 | **GND** | Ground reference | | 5 | **OUT** | Current output proportional to differential input | | 6 | **V+** | Power supply pin | | 7 | **COM** | Common connection for the internal circuitry | | 8 | **NC** | No internal connection | --- ### 4. Common Applications * **Automotive Systems:** Battery monitoring, motor control, and DC-DC converters (Qualified for automotive use via the 'W' suffix). * **Industrial Power Supplies:** Monitoring high-voltage rails and overcurrent protection. * **Telecom Infrastructure:** 48V rail monitoring. * **Power Management:** Solar inverters and battery management systems (BMS). --- ### 5. Part Number Breakdown: AD8212WYRMZ-R7 * **AD8212**: Base model number. * **W**: Automotive grade (AEC-Q100 qualified). * **Y**: Temperature range (-40°C to +125°C). * **RM**: MSOP package type. * **Z**: RoHS compliant (Lead-free). * **R7**: 7-inch tape and reel packaging (typically 1000 units).
    ✨ Follow-up Questions
    • ⤷ How do you calculate the output voltage using an external resistor with the AD8212?
    • ⤷ What are the advantages of using a current-output amplifier over a voltage-output amplifier?
    • ⤷ Can you provide a circuit diagram example for 500V operation?