AD8214WYRMZ-R7
AI

The **AD8214WYRMZ-R7** is a high-speed, high-side current shunt comparator developed by Analog Devices. It is specifically designed to provide a fast response for overcurrent protection in demanding environments, such as automotive and industrial power systems.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | High-speed Current Shunt Comparator |
| **Supply Voltage Range** | 4.5 V to 5.5 V |
| **Common-Mode Input Range** | 5 V to 65 V |
| **Response Time** | 100 ns (Propagation Delay) |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | 8-Lead MSOP (Micro Small Outline Package) |
| **Qualification** | AEC-Q100 (Automotive Grade) |
---
### 2. Functional Components
The internal architecture of the AD8214 is optimized for speed and accuracy:
* **Differential Amplifier:** Monitors the voltage drop across an external shunt resistor. It can handle high common-mode voltages (up to 65V) while the device itself runs on a 5V supply.
* **Internal Band Gap Reference:** Provides a stable threshold voltage of **100 mV**. When the voltage across the shunt resistor exceeds 100 mV, the device triggers.
* **Open-Drain Output:** The output is active-low. This allows for easy interfacing with microcontrollers or "Wired-OR" logic configurations where multiple comparators share one interrupt line.
* **Latch Reset Pin:** Includes a dedicated pin to reset the comparator after a fault condition has been cleared.
---
### 3. Application Use Cases
Due to its fast response time (100 ns), it is primarily used to prevent hardware damage from short circuits or massive current spikes.
1. **Motor Control:** Protecting H-bridge circuits from shoot-through or stalled motor conditions.
2. **Battery Management Systems (BMS):** Rapidly disconnecting a battery pack if a short circuit is detected.
3. **DC-DC Converters:** Monitoring output rails for fault conditions.
4. **Solenoid/Valve Control:** Ensuring inductive loads do not exceed safe operating current limits.
---
### 4. Part Number Breakdown: AD8214WYRMZ-R7
* **AD8214:** Base model number.
* **W:** Automotive qualified (AEC-Q100).
* **Y:** Temperature range grade (-40°C to +125°C).
* **RM:** Package type (MSOP-8).
* **Z:** RoHS compliant (Lead-free).
* **R7:** 7-inch reel packaging (standard for automated SMT assembly).
---
### 5. Implementation Example
To implement this part, you calculate the required shunt resistor ($R_{shunt}$) based on your desired trip current ($I_{trip}$):
```python
# Python logic to calculate Shunt Resistor
V_threshold = 0.100 # 100mV internal threshold
I_trip = 20.0 # Target trip current in Amps
R_shunt = V_threshold / I_trip
print(f"Required Shunt Resistor: {R_shunt * 1000} mOhms")
# Output: Required Shunt Resistor: 5.0 mOhms
```
- ⤷What is the significance of the 100ns response time in power electronics?
- ⤷ Can the AD8214 be used for continuous current measurement instead of just a comparator?
- ⤷ How do you interface the open-drain output with a 3.3V microcontroller?