AD8220BRMZ-R7
AI

## Overview of the AD8220BRMZ-R7
The **AD8220BRMZ-R7** is a high-performance, JFET-input instrumentation amplifier manufactured by **Analog Devices**. It is designed to offer high input impedance, extremely low bias current, and high common-mode rejection ratio (CMRR) in a compact form factor.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | JFET Input Instrumentation Amplifier |
| **Package** | 8-Lead MSOP (Micro Small Outline Package) |
| **Input Bias Current** | 10 pA (max at 25°C) |
| **CMRR** | 80 dB (min, G=1) up to 100 dB (G=1000) |
| **Gain Range** | 1 to 1000 (Set by a single external resistor) |
| **Supply Voltage** | Dual: ±2.25V to ±18V | Single: 4.5V to 36V |
| **Quiescent Current** | 750 µA |
| **Bandwidth** | 1.5 MHz (G=1) |
---
### 2. Core Features & Functional Blocks
The AD8220 is engineered for precision signal conditioning. Its internal design focuses on three main areas:
* **JFET Inputs:** The use of Junction Field Effect Transistors (JFETs) at the input stage allows for pA-level bias currents. This is critical when interfacing with high-impedance sensors (like pH electrodes or photodiodes) to prevent signal loading.
* **Rail-to-Rail Output:** While the input range depends on the supply, the output can swing very close to the supply rails, maximizing the dynamic range for ADC (Analog-to-Digital Converter) interfacing.
* **Gain Programming:** Gain is determined by the formula:
`G = 1 + (49.4 kΩ / Rg)`
where `Rg` is the external resistor connected between pins 1 and 8.
---
### 3. Pin Configuration
| Pin # | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | -Rg | Gain resistor terminal |
| 2 | -IN | Inverting input |
| 3 | +IN | Non-inverting input |
| 4 | -Vs | Negative supply |
| 5 | REF | Reference terminal (sets the output offset) |
| 6 | Vout | Output signal |
| 7 | +Vs | Positive supply |
| 8 | +Rg | Gain resistor terminal |
---
### 4. Typical Applications
Due to its high input impedance and low noise, the AD8220 is commonly found in:
1. **Medical Instrumentation:** ECG/EKG monitors where high input impedance is required for skin electrodes.
2. **Industrial Process Control:** Precise measurement of bridge sensors (load cells, pressure transducers).
3. **High-Impedance Buffering:** Interfacing with chemical or biological sensors.
4. **Data Acquisition:** Front-end amplification for multichannel systems.
---
### 5. Part Number Suffix Breakdown
* **BRMZ:** Indicates the "B" grade (higher precision performance), "RM" (MSOP package), and "Z" (RoHS compliant/Lead-free).
* **R7:** Indicates that the part is shipped on a 7-inch Tape and Reel (standard for automated SMT assembly).
- ⤷
How do I calculate the exact value for Rg to achieve a gain of 10?
- ⤷ What are the advantages of JFET inputs compared to standard Bipolar inputs?
- ⤷ How does the Reference (REF) pin influence the output signal?