AD8223BR-R7
AI

The **AD8223BR-R7** is a high-performance, integrated instrumentation amplifier designed by Analog Devices. It is particularly valued in precision circuits because it can operate on a single power supply and offers a rail-to-rail output.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8223BR-R7:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Instrumentation Amplifier |
| **Architecture** | 3-Op Amp Topology |
| **Gain Range** | 1 to 1000 (Set by a single resistor) |
| **Supply Voltage (Single)** | 3V to 24V |
| **Supply Voltage (Dual)** | ±1.5V to ±12V |
| **Input Bias Current** | 20 nA (Maximum) |
| **CMRR (Common Mode Rejection)** | 80 dB (G=10) |
| **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) |
| **Packaging** | Tape & Reel (R7 suffix indicates 7" reel) |
---
### 2. Functional Description
The AD8223 is designed to extract small differential signals in the presence of large common-mode noise.
* **Gain Programming:** The gain is calculated using the formula:
`Gain = 1 + (100 kΩ / Rg)`
Where `Rg` is the external resistor connected between pins 1 and 8. If no resistor is used, the gain is 1.
* **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems (like 3.3V or 5V logic).
* **Power Efficiency:** It consumes very low quiescent current (typically 650 µA), making it suitable for battery-powered portable devices.
---
### 3. Pin Configuration (8-Lead SOIC)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1, 8 | -RG, +RG | Terminals for the external gain resistor |
| 2 | -IN | Inverting Input |
| 3 | +IN | Non-inverting Input |
| 4 | -VS | Negative Supply (or Ground in single-supply) |
| 5 | REF | Reference Pin (sets the output offset voltage) |
| 6 | VOUT | Output Terminal |
| 7 | +VS | Positive Supply Voltage |
---
### 4. Typical Applications
The AD8223BR-R7 is commonly found in environments where precision and low power are critical:
* **Medical Instrumentation:** ECG and non-invasive blood pressure monitors.
* **Industrial Process Control:** Bridge amplifiers for strain gauges and pressure sensors.
* **Precision Data Acquisition:** Interfacing sensors with ADCs in 3V or 5V systems.
* **Portable Systems:** Handheld multimeters and environmental sensors.
---
- ⤷
How do I calculate the specific resistor value for a gain of 100?
- ⤷ What is the difference between the 'BR' and 'AR' grade versions of this chip?
- ⤷ Can the REF pin be connected directly to ground in a single-supply configuration?