AD8228BRMZ-R71
AI

### Overview of AD8228BRMZ-R7
The **AD8228BRMZ-R7** is a high-performance, precision instrumentation amplifier manufactured by Analog Devices. It is designed to extract small differential signals in the presence of large common-mode voltages.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the AD8228:
| Feature | Specification |
| :--- | :--- |
| **Gain Settings** | Fixed Gain of 10 or 100 (Pin-Selectable) |
| **Input Offset Voltage** | 100 µV (Maximum) |
| **Gain Drift** | 5 ppm/°C (Maximum) |
| **Common-Mode Rejection Ratio (CMRR)** | 100 dB (Minimum, G=100) |
| **Bandwidth (-3dB)** | 650 kHz (G=10) |
| **Supply Voltage Range** | ±2.3 V to ±18 V (Dual) / 4.6 V to 36 V (Single) |
| **Package Type** | 8-Lead MSOP (Mini Small Outline Package) |
---
### 2. Core Functional Parts
The internal architecture of the AD8228 consists of several critical stages:
1. **Input Stage (Pre-trimmed Resistors):**
* Unlike traditional op-amps, the AD8228 uses internal laser-trimmed resistors. This eliminates the need for an external gain resistor ($R_G$), which reduces gain error and drift caused by external component tolerances.
2. **Gain Selection Logic:**
* The gain is set by connecting a specific pin (Gain pin) to either the input or ground. This allows for a stable Gain of **10** or **100**.
3. **Output Buffer:**
* A low-impedance output stage ensures the signal can drive Analog-to-Digital Converters (ADCs) or further processing stages without significant signal degradation.
4. **Reference Terminal ($Ref$):**
* This pin allows the user to shift the output voltage level, which is essential for single-supply applications where the output needs to be biased to mid-supply.
---
### 3. Electronic Advantages
* **Precision:** The high CMRR ensures that noise common to both inputs (like 50/60Hz hum) is effectively canceled out.
* **Low Power:** With a quiescent current of approximately 650 µA, it is suitable for portable or battery-operated electronic devices.
* **Robustness:** The device includes robust input protection, allowing it to handle voltages beyond the supply rails in some configurations without damage.
---
### 4. Typical Application Circuit
In a standard configuration, the AD8228 is used to amplify a bridge sensor (like a load cell or pressure sensor).
```python
# Conceptual Pin Connection for Gain = 100
1. +IN -> Sensor Positive Terminal
2. -IN -> Sensor Negative Terminal
3. GAIN -> Connected to Pin 2 (-IN)
4. +Vs -> +15V DC
5. -Vs -> -15V DC (or Ground)
6. REF -> Ground (or V_mid for single supply)
7. OUT -> To ADC / Microcontroller
```
- ⤷
What are the specific advantages of using a fixed-gain instrumentation amplifier over a variable-gain one?
- ⤷ How does the 'R7' suffix in the part number affect the packaging or ordering?
- ⤷ Can you explain the importance of the REF pin in single-supply electronic designs?