Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD822ARM-R2

  • AI
    ## Overview of the AD822ARM-R2 The **AD822ARM-R2** is a high-performance, dual-channel, precision operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is known for its ability to operate from a single supply with rail-to-rail output characteristics and an FET input stage. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET (Low Bias Current) | | **Supply Voltage (Single)** | 5V to 30V | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Gain Bandwidth Product** | 1.9 MHz | | **Slew Rate** | 3 V/µs | | **Package Type** | MSOP-8 (ARM designates the package) | | **Operating Temperature** | -40°C to +85°C | --- ### Core Electronic Characteristics #### 1. JFET Input Stage Because it uses Junction Field-Effect Transistors (JFETs) at the input, the AD822 has an extremely low **Input Bias Current** (pico-ampere range). This makes it ideal for interfacing with high-impedance sensors or photodiode applications where minimizing current leakage is critical. #### 2. Rail-to-Rail Output Unlike standard Op-Amps that lose voltage swing near the supply rails, the AD822's output can swing within millivolts of the positive and negative (or ground) supply rails. This maximizes the **dynamic range**, especially in low-voltage 5V systems. #### 3. Low Power Consumption The device consumes only about **800 µA** per amplifier. Despite this low power draw, it maintains a decent speed (1.9 MHz bandwidth), providing an excellent balance for battery-powered instrumentation. #### 4. High Capacitive Load Drive One of the unique "electronic parts" of its design is the internal compensation that allows it to drive capacitive loads up to **350 pF** without oscillating. This is significantly higher than many other precision amplifiers. --- ### Typical Applications * **Photodiode Preamps:** Utilizing the low input bias current. * **Battery-Powered Instrumentation:** Due to the low supply current and rail-to-rail output. * **Active Filters:** High input impedance prevents loading the filter stages. * **Medical Equipment:** High precision and low noise characteristics. --- ### Package Pinout (MSOP-8) ```text _________ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B --------- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD822 and the AD820?
    • ⤷ How does the JFET input improve performance in sensor applications?
    • ⤷ Can the AD822 be used in high-speed signal processing?