AD822TRZ-EP-R7
AI

## Overview of AD822TRZ-EP-R7
The **AD822TRZ-EP-R7** is an Enhanced Product (EP) version of the popular AD822, which is a dual, precision, low-power, FET-input operational amplifier. This specific variant is designed for high-reliability applications, featuring extended temperature ranges and rigorous testing standards.
---
### Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Amplifier Type** | Dual JFET-Input Operational Amplifier |
| **Supply Voltage Range** | Single: 5V to 30V / Dual: ±2.5V to ±15V |
| **Input Bias Current** | 25 pA (Typical) |
| **Slew Rate** | 3 V/µs |
| **Bandwidth** | 1.9 MHz |
| **Package Type** | 8-Lead SOIC (Small Outline Integrated Circuit) |
| **Temperature Range** | -55°C to +125°C (Military/Aerospace Grade) |
---
### Core Features
1. **Rail-to-Rail Output:** Unlike standard op-amps, the AD822 can swing its output voltage very close to both the positive and negative supply rails, maximizing dynamic range.
2. **JFET Input Stage:** Provides extremely high input impedance and ultra-low input bias current, making it ideal for interfacing with high-impedance sensors.
3. **Enhanced Product (EP):** The "-EP" suffix indicates this part supports:
* Controlled manufacturing baseline.
* One assembly/test site.
* Enhanced change notification.
* Qualification data available upon request.
4. **Low Power Consumption:** Operates with a low quiescent current of approximately 800 µA per amplifier.
---
### Typical Applications
* **Aerospace & Defense:** Due to the extended temperature range and reliability.
* **Medical Instrumentation:** Low bias current is perfect for photodiode preamps or ECG equipment.
* **Battery Powered Tools:** Low power consumption extends battery life.
* **Precision Filters:** High input impedance prevents loading on previous stages.
---
### Pin Configuration (8-Lead SOIC)
```text
1: OUTPUT A 8: V+ (Positive Supply)
2: -INPUT A 7: OUTPUT B
3: +INPUT A 6: -INPUT B
4: V- (Negative) 5: +INPUT B
```
---
- ⤷What is the difference between the AD822TRZ-EP-R7 and the standard AD822ARZ?
- ⤷ Can this op-amp be used in single-supply 5V logic systems?
- ⤷ What does the 'R7' suffix indicate in the part number?