AD8293G80ARJZ-R7
AI

## Technical Overview of AD8293G80ARJZ-R7
The **AD8293G80ARJZ-R7** is a precision instrumentation amplifier manufactured by Analog Devices. It is specifically designed for high-gain applications where space is limited and power consumption must be kept to a minimum.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Fixed Gain** | 80 V/V |
| **Architecture** | Indirect Current Feedback |
| **Supply Voltage Range** | 1.8V to 5.5V |
| **Supply Current** | 15 µA (Typical) |
| **Package Type** | SOT-23 (8-lead) |
| **Rail-to-Rail** | Yes (Output) |
| **Bandwidth** | ~500 Hz |
---
### 2. Core Functional Components
The device operates differently than traditional three-op-amp instrumentation amplifiers. Its "Indirect Current Feedback" architecture provides several advantages:
* **Fixed Gain:** The gain is set internally to **80**. This eliminates the need for an external gain-setting resistor, reducing noise pickup and saving board space.
* **Zero-Drift Performance:** It utilizes auto-zeroing technology to minimize DC offset and drift over time and temperature.
* **High CMRR:** It maintains a high Common-Mode Rejection Ratio (CMRR) even at low frequencies, which is essential for extracting small signals from noisy environments.
---
### 3. Application Use Cases
Due to its low power consumption and high gain, this part is commonly found in:
1. **Medical Instrumentation:** ECG/EKG monitoring and portable pulse oximeters.
2. **Sensor Interfaces:** Bridge sensors, pressure sensors, and thermopiles.
3. **Battery Powered Devices:** Wearables and remote IoT sensor nodes.
---
### 4. Pin Configuration (SOT-23-8)
```text
1: VOUT (Output)
2: V- (Negative Supply)
3: +IN (Positive Input)
4: -IN (Negative Input)
5: REF (Reference Voltage)
6: NC (No Connect)
7: NC (No Connect)
8: V+ (Positive Supply)
```
---
### 5. Why the "R7" Suffix?
The suffix **-R7** typically refers to the packaging format. In Analog Devices' nomenclature, "R7" indicates that the part is shipped on a **7-inch Tape and Reel**, containing 3,000 units.
- ⤷
What are the advantages of indirect current feedback over traditional 3-op-amp designs?
- ⤷ How does the 'Zero-Drift' feature impact precision in medical applications?
- ⤷ Can the gain of 80 be adjusted using external resistors?