Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8318ACPZ-R2

  • AI
    ## Overview of AD8318ACPZ-R2 The **AD8318ACPZ-R2** is a high-performance, demodulating logarithmic amplifier (log amp) manufactured by Analog Devices. It is specifically designed to accurately measure the power of radio frequency (RF) signals over a wide dynamic range and frequency spectrum. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Demodulating Logarithmic Amplifier / Detector | | **Frequency Range** | 1 MHz to 8 GHz | | **Dynamic Range** | Up to 70 dB (±3 dB error) | | **Response Time** | 8 ns (Rise Time) / 10 ns (Fall Time) | | **Operating Voltage** | 3.3 V to 5 V | | **Operating Current** | 68 mA | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Temperature Range** | -40°C to +85°C | --- ### Core Electronic Characteristics #### 1. Logarithmic Response The device converts an RF input signal into a corresponding DC voltage output. The output is proportional to the logarithm of the input envelope, meaning the output voltage decreases linearly as the input power (in dBm) increases. This is known as **negative slope** (typically -25 mV/dB). #### 2. Temperature Stability One of the standout features of the AD8318 is its exceptional temperature stability. It maintains an accuracy of ±0.5 dB over its entire operating temperature range, making it ideal for outdoor telecommunications equipment. #### 3. Measurement and Control Modes The AD8318 can operate in two distinct modes: * **Measurement Mode:** Used to measure the power level of a signal (e.g., RSSI - Received Signal Strength Indicator). * **Controller Mode:** The output is fed back to a Power Amplifier (PA) or Variable Gain Amplifier (VGA) to maintain a constant output power (Automatic Gain Control - AGC). #### 4. Fast Response Time With a response time of approximately 8 nanoseconds, it is capable of detecting rapid RF pulses, which is critical for radar and high-speed wireless protocols. --- ### Typical Pin Configuration (LFCSP-16) | Pin Name | Function | | :--- | :--- | | **INHI / INLO** | Differential RF inputs (usually AC-coupled). | | **VOUT** | The DC output voltage proportional to the RF input power. | | **VSET** | Input for setpoint voltage (used in Controller Mode). | | **VCC / GND** | Power supply (3.3V-5V) and Ground. | | **ENBL** | Enable pin to power down the device for energy saving. | --- ### Common Applications * **RF Transmitter Power Monitoring:** Ensuring a cellular base station stays within regulated power limits. * **RSSI Measurement:** Determining signal strength in wireless receivers. * **Radar Pulse Detection:** Fast sensing of incoming radar signals. * **Precision Instrumentation:** Used in RF network analyzers and power meters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8318 and the AD8317?
    • ⤷ How do you calibrate the AD8318 for a specific frequency?
    • ⤷ Can the AD8318 be used for signals higher than 8 GHz?