Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8351ACPZ-R7

  • AI
    The **AD8351ACPZ-R7** is a high-performance, fully differential amplifier designed by Analog Devices. It is primarily used in high-speed signal chains to drive Analog-to-Digital Converters (ADCs) or to buffer signals in RF and IF stages. --- ### ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8351: | Parameter | Specification | | :--- | :--- | | **Function** | Differential Amplifier (Fixed/Resistor-Programmable Gain) | | **Bandwidth (-3 dB)** | 2.2 GHz | | **Slew Rate** | 11,000 V/µs | | **Supply Voltage** | 3.0 V to 5.5 V | | **Operating Current** | ~28 mA | | **Gain Range** | 0 dB to 26 dB (Set via external resistor) | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Output Type** | Differential | --- ### ## 2. Core Functional Components To understand the electronic parts inside and surrounding the AD8351, we can categorize them by their role: #### ### A. Internal Architecture * **Differential Input/Output:** Unlike standard op-amps, the AD8351 is fully differential. This helps suppress common-mode noise and improves even-order harmonic distortion, which is critical for RF signals. * **Internal Feedback Loop:** The chip uses a specialized architecture that maintains a high bandwidth even as the gain is increased. #### ### B. External Components Required To operate the AD8351, the following external electronic parts are typically used: 1. **Gain Resistor ($R_G$):** A single external resistor connected between specific pins determines the voltage gain. 2. **AC-Coupling Capacitors:** Since the device is often used in high-frequency AC paths, capacitors are used at the input and output to block DC offsets. 3. **Decoupling Capacitors:** Small surface-mount capacitors (typically 0.1 µF and 10 pF) must be placed close to the $V_{CC}$ pins to filter power supply noise. 4. **Termination Resistors:** 50 $\Omega$ resistors are usually required at the input to match the impedance of standard RF test equipment or signal sources. --- ### ## 3. Applications and Usage The AD8351 is ideal for the following electronic systems: * **ADC Driving:** Preparing a single-ended signal to be fed into a differential input ADC. * **Differential Instrumentation:** High-speed data acquisition where signal integrity is paramount. * **Communications:** IF (Intermediate Frequency) amplification in cellular base stations. --- ### ## 4. Part Number Breakdown (AD8351ACPZ-R7) | Suffix | Meaning | | :--- | :--- | | **AD8351** | Base Model Number | | **A** | Performance Grade/Temperature Range (-40°C to +85°C) | | **CP** | Package Type (LFCSP - Lead Frame Chip Scale Package) | | **Z** | RoHS Compliant (Lead-Free) | | **R7** | Packaging Format (7-inch Tape and Reel, typically 1,500 units) |
    ✨ Follow-up Questions
    • ⤷ How do you calculate the gain for the AD8351 using an external resistor?
    • ⤷ What are the advantages of using a differential amplifier over a single-ended amplifier in RF circuits?
    • ⤷ What is the recommended layout strategy for the LFCSP-16 package to ensure thermal stability?