Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8390AACPZ-R7

  • AI
    ## Technical Overview of the AD8390AACPZ-R7 The **AD8390AACPZ-R7** is a high-output current, low-power consumption differential amplifier manufactured by **Analog Devices**. It is primarily designed as a line driver for ADSL/ADSL2+ systems and other high-speed data transmission applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Differential Line Driver | | **Output Current** | 400 mA (Peak) | | **Voltage Supply Range** | 10V to 24V (or ±5V to ±12V) | | **Bandwidth (-3 dB)** | 60 MHz | | **Slew Rate** | 600 V/µs | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | | **Mounting Type** | Surface Mount | --- ### 2. Core Functional Features * **High Output Drive:** It is capable of delivering up to **400 mA** of peak current, which is essential for driving low-impedance loads like twisted-pair copper telephone lines over long distances. * **Low Distortion:** The chip maintains high signal integrity with low harmonic distortion (typically -82 dBc @ 1 MHz), which is critical for maintaining high data rates in DSL applications. * **Adjustable Quiescent Current:** It includes an **I_ADJ** pin that allows the user to scale the power consumption based on the required output power, helping to improve thermal efficiency. * **Differential Input/Output:** Designed for fully differential signal paths to minimize electromagnetic interference (EMI) and maximize dynamic range. --- ### 3. Pin Configuration & Packaging The **AACPZ-R7** suffix indicates the specific physical characteristics: * **AA:** Internal design code/variation. * **CP:** Refers to the **LFCSP** (Lead Frame Chip Scale Package). * **Z:** Denotes a RoHS-compliant (Lead-free) part. * **R7:** Indicates that the part is shipped on a **7-inch Tape and Reel** (usually 1,500 pieces). --- ### 4. Typical Application Circuit In a standard DSL modem application, the AD8390 acts as the interface between the Analog Front End (AFE) and the transformer that connects to the phone line. ```mermaid graph LR Input[Differential Input] --> AD8390[AD8390 Driver] AD8390 --> Term[Termination Resistors] Term --> Xfmr[Coupling Transformer] Xfmr --> Line[Phone Line / Twisted Pair] ``` --- ### 5. Common Use Cases 1. **ADSL/ADSL2+ Line Drivers:** The primary market for this component. 2. **Video Distribution:** High-speed driving of video signals over long cables. 3. **Arbitrary Function Generators:** Used in the output stage of test equipment to provide high current drive. 4. **Power Line Communication (PLC):** Driving data signals onto AC power lines.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFCSP-16 package at 400mA?
    • ⤷ How does the I_ADJ pin help in reducing power consumption during idle states?
    • ⤷ Can the AD8390 be used in single-supply configurations?