AI

## Overview of AD8421ACPZ-R7
The **AD8421ACPZ-R7** is a high-performance, low-power, extremely low-noise instrumentation amplifier designed by Analog Devices. It is specifically engineered to deliver high precision for data acquisition and signal conditioning applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8421 series:
| Parameter | Value / Range |
| :--- | :--- |
| **Gain Range** | 1 to 10,000 (Set by a single resistor) |
| **Input Voltage Noise** | 3.2 nV/√Hz @ 1 kHz |
| **Bandwidth** | 10 MHz (G = 1), 2 MHz (G = 100) |
| **Common-Mode Rejection Ratio (CMRR)** | 94 dB (Minimum, G = 1) |
| **Slew Rate** | 35 V/µs |
| **Quiescent Current** | 2.3 mA (Maximum) |
| **Supply Voltage Range** | ±2.5 V to ±18 V |
| **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) |
---
### 2. Functional Description
The AD8421 utilizes a classic **three-op-amp architecture**. This configuration allows it to extract small differential signals in the presence of large common-mode voltages.
#### A. Gain Setting
The gain ($G$) is determined by an external resistor, $R_G$. The relationship is defined by the following formula:
```text
G = 1 + (9.9 kΩ / RG)
```
#### B. High Speed and Precision
Unlike many high-precision instrumentation amplifiers that trade speed for accuracy, the AD8421 offers a high slew rate (35 V/µs) and wide bandwidth. This makes it ideal for multiplexed applications where fast settling times are required.
---
### 3. Pin Configuration (LFCSP-16)
The "ACPZ" suffix denotes the 16-lead LFCSP package, which provides excellent thermal performance and a small footprint.
| Pin Number | Mnemonic | Description |
| :--- | :--- | :--- |
| 1, 4, 13, 16 | NC | No Internal Connection |
| 2 | -IN | Negative Input |
| 3 | +IN | Positive Input |
| 5, 12 | RG | Gain Setting Resistor Pins |
| 8 | -Vs | Negative Supply Voltage |
| 9 | REF | Reference Pin (Sets Output Offset) |
| 10 | VOUT | Output Terminal |
| 11 | +Vs | Positive Supply Voltage |
---
### 4. Typical Applications
* **Medical Instrumentation:** ECG and EEG monitoring due to low noise.
* **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors.
* **Data Acquisition:** High-speed, high-resolution ADC driving.
* **Precision Signal Conditioning:** In environments with high electromagnetic interference.
---
### 5. Part Number Breakdown
* **AD8421:** Base Model Number.
* **A:** Performance Grade (Standard).
* **CP:** Lead Frame Chip Scale Package (LFCSP).
* **Z:** RoHS Compliant (Lead-free).
* **R7:** 7-inch Tape and Reel packaging (typically 1,500 units).
- ⤷
How does the AD8421 compare to the AD620 in terms of noise performance?
- ⤷ What is the importance of the REF pin in this instrumentation amplifier?
- ⤷ How do I calculate the power dissipation for the LFCSP package?